Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 144 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 144 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 140Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 141Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 142Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 143Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 144Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 145Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 146Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 147Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 148Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 265 page
background image
144
Am79C971
P R E L I M INARY
When an external SRAM is used,
SRAM_SIZE > 0, there is a re-
striction that the number of bytes
written is a combination of bytes
written into the Bus Transmit
FIFO and the MAC Transmit
FIFO. The Am79C971 controller
supports a mode that will wait un-
til a full packet is available before
commencing with the transmis-
sion of preamble. This mode is
useful in a system where high la-
tencies cannot be avoided. See
Table 28.
Table 28.
Transmit Start Point Programming
NOTE: A “No SRAM configuration” is
only valid for 10Mb mode. In 100Mb
mode, SRAM is mandatory and must
always be used.
Read/Write accessible only when
either the STOP or the SPND bit
is set. XMTSP is set to a value of
01b (64 bytes) after H_RESET or
S_RESET and is unaffected by
STOP.
9-8
XMTFW[1:0] Transmit FIFO Watermark. XMT-
FW specifies the point at which
transmit
DMA
is
requested,
based upon the number of bytes
that could be written to the Trans-
mit FIFO without FIFO overflow.
Transmit DMA is requested at
any time when the number of
bytes specified by XMTFW could
be written to the FIFO without
causing Transmit FIFO overflow,
and the internal microcode en-
gine has reached a point where
the Transmit FIFO is checked to
determine if DMA servicing is re-
quired.
When operating in the NO-SRAM
mode
(no
SRAM
present),
SRAM_SIZE set to 0, the Bus
Transmit FIFO and the MAC
Transmit FIFO operate like a sin-
gle FIFO and the watermark val-
ue selected by XMTFW[1:0] sets
the number of FIFO byte loca-
tions that must be available in the
FIFO before receive DMA is re-
quested.
NOTE: A “No SRAM configura-
tion” is only valid for 10Mb mode.
In 100Mb mode, SRAM is man-
datory and must always be used.
When operating with an external
SRAM, the Bus Transmit FIFO
and the MAC Transmit FIFO op-
erate independently on the bus
side and MAC side of the external
SRAM, respectively. In this case,
the watermark value set by XMT-
FW[1:0] sets the number of FIFO
byte locations that must be avail-
able in the Bus Transmit FIFO.
See Table 29.
Read/Write accessible only when
either the STOP or the SPND bit
is set. XMTFW is set to a value of
00b (16 bytes) after H_RESET or
S_RESET and is unaffected by
STOP.
7-0
DMATC[7:0] DMA Transfer Counter. Writing
and reading to this field has no ef-
fect.
Use
MAX_LAT
and
MIN_GNT in the PCI configura-
tion space.
CSR82: Transmit Descriptor Address Pointer Lower
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
XMTSP[1:0]
SRAM_SIZE
Bytes Written
00
0
20
01
0
64
10
0
128
11
0
248
00
>0
44
01
>0
64
10
>0
128
11
>0
Full Packet
Table 29.
Transmit Watermark Programming
XMTFW[1:0]
Bytes Available
00
16
01
64
10
108
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com