Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 146 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 146 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 142Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 143Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 144Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 145Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 146Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 147Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 148Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 149Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 150Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 265 page
background image
146
Am79C971
P R E L I M INARY
a different ID as that stored in the
Device ID register in the PCI con-
figuration space.
Read accessible only when either
the STOP or the SPND bit is set.
VER is read only. PARTID is read
only. Write operations are ig-
nored.
11-1
MANFID
Manufacturer ID. The 11-bit man-
ufacturer
code
for
AMD
is
00000000001b. This code is per
the JEDEC Publication 106-A.
Note that this code is not the
same as the Vendor ID in the PCI
configuration space.
Read accessible only when either
the STOP or the SPND bit is set.
VER is read only. MANFID is
read only. Write operations are
ignored.
0
ONE
Always a logic 1.
Read accessible only when either
the STOP or the SPND bit is set.
VER is read only. ONE is read
only. Write operations are ig-
nored.
CSR89: Chip ID Register Upper
Bit
Name
Description
31-16 RES
Reserved locations. Read as un-
defined.
15-12 VER
Version. This 4-bit pattern is
silicon-revision dependent.
Read accessible only when either
the STOP or the SPND bit is set.
VER is read only. VER is read
only. Write operations are ig-
nored.
11-0
PARTIDU
Upper 12 bits of the Am79C971
controller part number, i.e., 0010
0110 0010b (262h).
Read accessible only when either
the STOP or the SPND bit is set.
VER is read only. PARTIDU is
read only. Write
operations are
ignored.
CSR92: Ring Length Conversion
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
RCON
Ring Length Conversion Regis-
ter. This register performs a ring
length conversion from an encod-
ed value as found in the initializa-
tion block to a two’s complement
value used for internal counting.
By writing bits 15-12 with an en-
coded ring length, a two’s com-
plemented value is read. The
RCON register is undefined until
written.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR100: Bus Timeout
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
MERRTO
This register contains the value of
the longest allowable bus latency
(interval between assertion of
REQ and assertion of GNT) that a
system
may
insert
into
an
Am79C971
controller
master
transfer. If this value of bus laten-
cy is exceeded, then a MERR will
be indicated in CSR0, bit 11, and
an interrupt may be generated,
depending upon the setting of the
MERRM bit (CSR3, bit 11) and
the IENA bit (CSR0, bit 6).
The value in this register is inter-
preted as the unsigned number of
XTAL1 clock periods divided by
two, (i.e., the value in this register
is given in 0.1
µs increments.) For
example, the value 0600h (1536
decimal) will cause a MERR to be
indicated after 153.6
µs of bus la-
tency. A value of 0 will allow an
infinitely long bus latency, i.e.,
bus timeout error will never oc-
cur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com