Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 147 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 147 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 143Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 144Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 145Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 146Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 147Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 148Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 149Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 150Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 151Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 265 page
background image
Am79C971
147
P R E L I M INARY
Read/Write accessible only when
either the STOP or the SPND bit
is set. This register is set to
0600h
by
H_RESET
or
S_RESET and is unaffected by
STOP.
CSR112: Missed Frame Count
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
MFC
Missed Frame Count. Indicates
the number of missed frames.
MFC will roll over to a count of 0
from the value 65535. The MFCO
bit of CSR4 (bit 8) will be set each
time that this occurs.
Read accessible always. MFC is
read only, write operations are ig-
nored.
MFC
is
cleared
by
H_RESET or S_RESET or by
setting the STOP bit.
CSR114: Receive Collision Count
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
RCC
Receive Collision Count. Indi-
cates the total number of colli-
sions
encountered
by
the
receiver since the last reset of the
counter.
RCC will roll over to a count of 0
from
the
value
65535.
The
RCVCCO bit of CSR4 (bit 5) will
be set each time that this occurs.
Read accessible always. RCC is
read only, write operations are ig-
nored.
RCC
is
cleared
by
H_RESET or S_RESET, or by
setting the STOP bit.
CSR122: Advanced Feature Control
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-1
RES
Reserved locations. Written as
zeros and read as undefined.
0
RCVALGN
Receive Packet Align. When set,
this bit forces the data field of ISO
8802-3 (IEEE/ANSI 802.3) pack-
ets to align to 0. MOD 4 address
boundaries (i.e., DWord aligned
addresses). It is important to note
that this feature will only function
correctly if all receive buffer
boundaries are DWord aligned
and all receive buffers have 0
MOD 4 lengths. In order to ac-
complish the data alignment, the
Am79C971 controller simply in-
serts two bytes of random data at
the beginning of the receive pack-
et (i.e., before the ISO 8802-3
(IEEE/ANSI 802.3) destination
address field). The MCNT field
reported to the receive descriptor
will not include the extra two
bytes.
Read/Write accessible always.
RCVALGN
is
cleared
by
H_RESET or S_RESET and is
not affected by STOP.
CSR124: Test Register 1
This register is used to place the Am79C971 controller
into various test modes. The Runt Packet Accept is the
only user accessible test mode. All other test modes are
for AMD internal use only.
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-4
RES
Reserved locations. Written as
zeros and read as undefined.
3
RPA
Runt Packet Accept. This bit
forces the Am79C971 controller
to accept runt packets (packets
shorter than 64 bytes).
Read accessible always; write
accessible only when STOP is
set to 1. RPA is cleared by
H_RESET or S_RESET and is
not affected by STOP.
2-0
RES
Reserved locations. Written as
zeros and read as undefined.
CSR125: MAC Enhanced Configuration Control
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com