Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8347ECVRADFB Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRADFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRADFB Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRADFB Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
Freescale Semiconductor
21
DDR and DDR2 SDRAM
Figure 6 shows the DDR SDRAM output timing for the MCK to MDQS skew measurement (tDDKHMH).
Figure 6. Timing Diagram for tDDKHMH
266 MHz
1100
—
200 MHz
1200
—
MDQS preamble start
tDDKHMP
–0.5
× t
MCK – 0.6
–0.5
× t
MCK + 0.6
ns
6
MDQS epilogue end
tDDKHME
–0.6
0.6
ns
6
Notes:
1. The symbols for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for inputs
and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. Output hold time can be read as DDR timing (DD) from
the rising or falling edge of the reference clock (KH or KL) until the output goes invalid (AX or DX). For example, tDDKHAS
symbolizes DDR timing (DD) for the time tMCK memory clock reference (K) goes from the high (H) state until outputs (A) are
set up (S) or output valid time. Also, tDDKLDX symbolizes DDR timing (DD) for the time tMCK memory clock reference (K) goes
low (L) until data outputs (D) are invalid (X) or data output hold time.
2. All MCK/MCK referenced measurements are made from the crossing of the two signals ±0.1 V.
3. ADDR/CMD includes all DDR SDRAM output signals except MCK/MCK, MCS, and MDQ/MECC/MDM/MDQS. For the
ADDR/CMD setup and hold specifications, it is assumed that the clock control register is set to adjust the memory clocks by
1/2 applied cycle.
4. tDDKHMH follows the symbol conventions described in note 1. For example, tDDKHMH describes the DDR timing (DD) from the
rising edge of the MCK(n) clock (KH) until the MDQS signal is valid (MH). tDDKHMH can be modified through control of the
DQSS override bits in the TIMING_CFG_2 register and is typically set to the same delay as the clock adjust in the CLK_CNTL
register. The timing parameters listed in the table assume that these two parameters are set to the same adjustment value.
See the MPC8349EA PowerQUICC II Pro Integrated Host Processor Family Reference Manual for the timing modifications
enabled by use of these bits.
5. Determined by maximum possible skew between a data strobe (MDQS) and any corresponding bit of data (MDQ), ECC
(MECC), or data mask (MDM). The data strobe should be centered inside the data eye at the pins of the microprocessor.
6. All outputs are referenced to the rising edge of MCK(n) at the pins of the microprocessor. Note that tDDKHMP follows the
symbol conventions described in note 1.
Table 20. DDR and DDR2 SDRAM Output AC Timing Specifications (continued)
At recommended operating conditions with GVDD of (1.8 or 2.5 V) ± 5%.
Parameter
Symbol 1
Min
Max
Unit
Notes
MDQS
MCK[n]
MCK[n]
tMCK
MDQS
tDDKHMH(min) = –0.6 ns
tDDKHMHmax) = 0.6 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com