Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8347ECVRADFB Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRADFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRADFB Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRADFB Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
90
Freescale Semiconductor
Thermal
Shin-Etsu MicroSi, Inc.
888-642-7674
10028 S. 51st St.
Phoenix, AZ 85044
Internet: www.microsi.com
The Bergquist Company
800-347-4572
18930 West 78th St.
Chanhassen, MN 55317
Internet: www.bergquistcompany.com
20.3
Heat Sink Attachment
When heat sinks are attached, an interface material is required, preferably thermal grease and a spring clip.
The spring clip should connect to the printed-circuit board, either to the board itself, to hooks soldered to
the board, or to a plastic stiffener. Avoid attachment forces that can lift the edge of the package or peel the
package from the board. Such peeling forces reduce the solder joint lifetime of the package. The
recommended maximum force on the top of the package is 10 lb force (4.5 kg force). Any adhesive
attachment should attach to painted or plastic surfaces, and its performance should be verified under the
application requirements.
20.3.1
Experimental Determination of the Junction Temperature with a
Heat Sink
When a heat sink is used, the junction temperature is determined from a thermocouple inserted at the
interface between the case of the package and the interface material. A clearance slot or hole is normally
required in the heat sink. Minimize the size of the clearance to minimize the change in thermal
performance caused by removing part of the thermal interface to the heat sink. Because of the experimental
difficulties with this technique, many engineers measure the heat sink temperature and then back calculate
the case temperature using a separate measurement of the thermal resistance of the interface. From this
case temperature, the junction temperature is determined from the junction-to-case thermal resistance.
TJ = TC + (RθJC × PD)
where:
TJ = junction temperature (°C)
TC = case temperature of the package (°C)
RθJC = junction-to-case thermal resistance (°C/W)
PD = power dissipation (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com