Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8347ECVRADFB Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRADFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRADFB Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRADFB Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
38
Freescale Semiconductor
Local Bus
Figure 20 provides the AC test load for the local bus.
Figure 20. Local Bus C Test Load
Table 39. Local Bus General Timing Parameters—DLL Bypass9
Parameter
Symbol1
Min
Max
Unit
Notes
Local bus cycle time
tLBK
15
—
ns
2
Input setup to local bus clock
tLBIVKH
7
—
ns
3, 4
Input hold from local bus clock
tLBIXKH
1.0
—
ns
3, 4
LALE output fall to LAD output transition (LATCH hold time)
tLBOTOT1
1.5
—
ns
5
LALE output fall to LAD output transition (LATCH hold time)
tLBOTOT2
3—
ns
6
LALE output fall to LAD output transition (LATCH hold time)
tLBOTOT3
2.5
—
ns
7
Local bus clock to output valid
tLBKLOV
—3
ns
3
Local bus clock to output high impedance for LAD/LDP
tLBKHOZ
—4
ns
8
Notes:
1. The symbols for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for inputs
and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tLBIXKH1 symbolizes local bus timing (LB)
for the input (I) to go invalid (X) with respect to the time the tLBK clock reference (K) goes high (H), in this case for clock one
(1). Also, tLBKHOX symbolizes local bus timing (LB) for the tLBK clock reference (K) to go high (H), with respect to the output
(O) going invalid (X) or output hold time.
2. All timings are in reference to the falling edge of LCLK0 (for all outputs and for LGTA and LUPWAIT inputs) or the rising edge
of LCLK0 (for all other inputs).
3. All signals are measured from OVDD/2 of the rising/falling edge of LCLK0 to 0.4 × OVDD of the signal in question for 3.3 V
signaling levels.
4. Input timings are measured at the pin.
5. tLBOTOT1 should be used when RCWH[LALE] is set and when the load on the LALE output pin is at least 10 pF less than the
load on the LAD output pins.
6. tLBOTOT2 should be used when RCWH[LALE] is not set and when the load on the LALE output pin is at least 10 pF less than
the load on the LAD output pins.the
7. tLBOTOT3 should be used when RCWH[LALE] is not set and when the load on the LALE output pin equals to the load on the
LAD output pins.
8. For purposes of active/float timing measurements, the Hi-Z or off-state is defined to be when the total current delivered
through the component pin is less than or equal to the leakage current specification.
9. DLL bypass mode is not recommended for use at frequencies above 66 MHz.
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com