Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8347ECVRADFB Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRADFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRADFB Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRADFB Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
16
Freescale Semiconductor
DDR and DDR2 SDRAM
Table 11 lists the PLL and DLL lock times.
6
DDR and DDR2 SDRAM
This section describes the DC and AC electrical specifications for the DDR SDRAM interface of the
MPC8347EA. Note that DDR SDRAM is GVDD(typ) = 2.5 V and DDR2 SDRAM is GVDD(typ) = 1.8 V.
The AC electrical specifications are the same for DDR and DRR2 SDRAM.
NOTE
The information in this document is accurate for revision 3.0 silicon and
later. For information on revision 1.1 silicon and earlier versions see the
MPC8347E PowerQUICC II Pro Integrated Host Processor Hardware
Specifications. See Section 22.1, “Part Numbers Fully Addressed by This
Document,” for silicon revision level determination.
6.1
DDR and DDR2 SDRAM DC Electrical Characteristics
Table 12 provides the recommended operating conditions for the DDR2 SDRAM component(s) of the
MPC8347EA when GVDD(typ) = 1.8 V.
Table 11. PLL and DLL Lock Times
Parameter/Condition
Min
Max
Unit
Notes
PLL lock times
—
100
μs—
DLL lock times
7680
122,880
csb_clk cycles
1, 2
Notes:
1. DLL lock times are a function of the ratio between the output clock and the coherency system bus clock (csb_clk). A 2:1 ratio
results in the minimum and an 8:1 ratio results in the maximum.
2. The csb_clk is determined by the CLKIN and system PLL ratio. See Section 19, “Clocking.”
Table 12. DDR2 SDRAM DC Electrical Characteristics for GVDD(typ) = 1.8 V
Parameter/Condition
Symbol
Min
Max
Unit
Notes
I/O supply voltage
GVDD
1.71
1.89
V
1
I/O reference voltage
MVREF
0.49
× GV
DD
0.51
× GV
DD
V2
I/O termination voltage
VTT
MVREF –0.04
MVREF +0.04
V
3
Input high voltage
VIH
MVREF + 0.125
GVDD +0.3
V
—
Input low voltage
VIL
–0.3
MVREF –0.125
V
—
Output leakage current
IOZ
–9.9
9.9
μA4
Output high current (VOUT = 1.420 V)
IOH
–13.4
—
mA
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com