Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8347ECVRADFB Datasheet(PDF) 91 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRADFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRADFB Datasheet(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRADFB Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
Freescale Semiconductor
91
System Design Information
21 System Design Information
This section provides electrical and thermal design recommendations for successful application of the
MPC8347EA.
21.1
System Clocking
The MPC8347EA includes two PLLs:
1. The platform PLL generates the platform clock from the externally supplied CLKIN input. The
frequency ratio between the platform and CLKIN is selected using the platform PLL ratio
configuration bits as described in Section 19.1, “System PLL Configuration.”
2. The e300 core PLL generates the core clock as a slave to the platform clock. The frequency ratio
between the e300 core clock and the platform clock is selected using the e300 PLL ratio
configuration bits as described in Section 19.2, “Core PLL Configuration.”
21.2
PLL Power Supply Filtering
Each PLL gets power through independent power supply pins (AVDD1, AVDD2, respectively). The AVDD
level should always equal to VDD, and preferably these voltages are derived directly from VDD through a
low frequency filter scheme.
There are a number of ways to provide power reliably to the PLLs, but the recommended solution is to
provide four independent filter circuits as illustrated in Figure 43, one to each of the four AVDD pins.
Independent filters to each PLL reduce the opportunity to cause noise injection from one PLL to the other.
The circuit filters noise in the PLL resonant frequency range from 500 kHz to 10 MHz. It should be built
with surface mount capacitors with minimum effective series inductance (ESL). Consistent with the
recommendations of Dr. Howard Johnson in High Speed Digital Design: A Handbook of Black Magic
(Prentice Hall, 1993), multiple small capacitors of equal value are recommended over a single large value
capacitor.
To minimize noise coupled from nearby circuits, each circuit should be placed as closely as possible to the
specific AVDD pin being supplied. It should be possible to route directly from the capacitors to the AVDD
pin, which is on the periphery of package, without the inductance of vias.
Figure 43 shows the PLL power supply filter circuit.
Figure 43. PLL Power Supply Filter Circuit
21.3
Decoupling Recommendations
Due to large address and data buses and high operating frequencies, the MPC8347EA can generate
transient power surges and high frequency noise in its power supply, especially while driving large
VDD
AVDD (or L2AVDD)
2.2 µF
2.2 µF
GND
Low ESL Surface Mount Capacitors
10
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com