Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8347ECVRADFB Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRADFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRADFB Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRADFB Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
18
Freescale Semiconductor
DDR and DDR2 SDRAM
Table 15 provides the DDR capacitance when GVDD(typ) = 2.5 V.
Table 16 provides the current draw characteristics for MVREF.
6.2
DDR and DDR2 SDRAM AC Electrical Characteristics
This section provides the AC electrical characteristics for the DDR and DDR2 SDRAM interface.
6.2.1
DDR and DDR2 SDRAM Input AC Timing Specifications
Table 17 provides the input AC timing specifications for the DDR2 SDRAM when GVDD(typ) = 1.8 V.
Table 18 provides the input AC timing specifications for the DDR SDRAM when GVDD(typ) = 2.5 V.
Table 15. DDR SDRAM Capacitance for GVDD(typ) = 2.5 V
Parameter/Condition
Symbol
Min
Max
Unit
Notes
Input/output capacitance: DQ, DQS
CIO
68
pF
1
Delta input/output capacitance: DQ, DQS
CDIO
—0.5
pF
1
Note:
1. This parameter is sampled. GVDD = 2.5 V ± 0.125 V, f = 1 MHz, TA = 25°C, VOUT = GVDD/2, VOUT (peak-to-peak) = 0.2 V.
Table 16. Current Draw Characteristics for MVREF
Parameter/Condition
Symbol
Min
Max
Unit
Note
Current draw for MVREF
IMVREF
—500
μA1
Note:
1. The voltage regulator for MVREF must supply up to 500 μA current.
Table 17. DDR2 SDRAM Input AC Timing Specifications for 1.8-V Interface
At recommended operating conditions with GVDD of 1.8 ± 5%.
Parameter
Symbol
Min
Max
Unit
Notes
AC input low voltage
VIL
—MVREF – 0.25
V
—
AC input high voltage
VIH
MVREF + 0.25
—
V
—
Table 18. DDR SDRAM Input AC Timing Specifications for 2.5-V Interface
At recommended operating conditions with GVDD of 2.5 ± 5%.
Parameter
Symbol
Min
Max
Unit
Notes
AC input low voltage
VIL
—MVREF – 0.31
V
—
AC input high voltage
VIH
MVREF + 0.31
—
V
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com