Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8347ECVRADFB Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRADFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRADFB Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRADFB Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
Freescale Semiconductor
39
Local Bus
Figure 21 through Figure 26 show the local bus signals.
Figure 21. Local Bus Signals, Nonspecial Signals Only (DLL Enabled)
Figure 22. Local Bus Signals, Nonspecial Signals Only (DLL Bypass Mode)
Output Signals:
LA[27:31]/LBCTL/LBCKE/LOE
LSDA10/LSDWE/LSDRAS/
LSDCAS/LSDDQM[0:3]
tLBKHOV
tLBKHOV
tLBKHOV
LSYNC_IN
Input Signals:
LAD[0:31]/LDP[0:3]
Output (Data) Signals:
LAD[0:31]/LDP[0:3]
Output (Address) Signal:
LAD[0:31]
LALE
tLBIXKH
tLBIVKH
tLBIXKH
tLBKHOX
tLBKHOZ
tLBKHLR
tLBOTOT
tLBKHOZ
tLBKHOX
Output Signals:
LSDA10/LSDWE/LSDRAS/
LSDCAS/LSDDQM[0:3]
LCLK[n]
Input Signals:
LAD[0:31]/LDP[0:3]
Output Signals:
LAD[0:31]/LDP[0:3]
LALE
Input Signal:
LGTA
tLBIXKH
tLBKLOV
tLBKHOZ
tLBOTOT
tLBIVKH
tLBIXKH
tLBKLOV
tLBKLOV
tLBIVKH
LA[27:31]/LBCTL/LBCKE/LOE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com