Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8347ECVRADFB Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRADFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRADFB Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRADFB Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
Freescale Semiconductor
11
Power Characteristics
TBGA
333
333
2.0
3.0
3.2
W
166
1.8
2.8
2.9
W
400
266
2.1
3.0
3.3
W
133
1.9
2.9
3.1
W
450
300
2.3
3.2
3.5
W
150
2.1
3.0
3.2
W
500
333
2.4
3.3
3.6
W
166
2.2
3.1
3.4
W
533
266
2.4
3.3
3.6
W
133
2.2
3.1
3.4
W
6675,6
333
3.5
4.6
5
W
1 The values do not include I/O supply power (OV
DD, LVDD, GVDD) or AVDD. For I/O power values, see Table 5.
2 Typical power is based on a voltage of V
DD = 1.2 V, a junction temperature of TJ = 105°C, and a Dhrystone benchmark
application.
3 Thermal solutions may need to design to a value higher than typical power based on the end application, T
A target, and I/O
power.
4 Maximum power is based on a voltage of V
DD = 1.2 V, worst case process, a junction temperature of TJ = 105°C, and an
artificial smoke test.
5 Typical power is based on a voltage of V
DD = 1.3 V, a junction temperature of TJ = 105°C, and a Dhrystone benchmark
application.
6 Maximum power is based on a voltage of V
DD = 1.3 V, worst case process, a junction temperature of TJ = 105°C, and an
artificial smoke test.
Table 4. MPC8347EA Power Dissipation1 (continued)
Core
Frequency
(MHz)
CSB
Frequency
(MHz)
Typical at TJ = 65
Typical2
,3
Maximum4
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com