Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8347ECVRADFB Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRADFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRADFB Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRADFB Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
26
Freescale Semiconductor
Ethernet: Three-Speed Ethernet, MII Management
Figure 10 shows the GMII receive AC timing diagram.
G
Figure 10. GMII Receive AC Timing Diagram
8.2.2
MII AC Timing Specifications
This section describes the MII transmit and receive AC timing specifications.
8.2.2.1
MII Transmit AC Timing Specifications
Table 27 provides the MII transmit AC timing specifications.
RX_CLK clock rise (20%–80%)
tGRXR
——
1.0
ns
RX_CLK clock fall time (80%–20%)
tGRXF
——
1.0
ns
Note:
1. The symbols for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for inputs
and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tGRDVKH symbolizes GMII receive timing
(GR) with respect to the time data input signals (D) reaching the valid state (V) relative to the tRX clock reference (K) going
to the high state (H) or setup time. Also, tGRDXKL symbolizes GMII receive timing (GR) with respect to the time data input
signals (D) went invalid (X) relative to the tGRX clock reference (K) going to the low (L) state or hold time. In general, the clock
reference symbol is based on three letters representing the clock of a particular function. For example, the subscript of tGRX
represents the GMII (G) receive (RX) clock. For rise and fall times, the latter convention is used with the appropriate letter:
R (rise) or F (fall).
Table 27. MII Transmit AC Timing Specifications
At recommended operating conditions with LVDD/OVDD of 3.3 V ± 10%.
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
TX_CLK clock period 10 Mbps
tMTX
—400
—
ns
TX_CLK clock period 100 Mbps
tMTX
—40—
ns
TX_CLK duty cycle
tMTXH/tMTX
35
—
65
%
TX_CLK to MII data TXD[3:0], TX_ER, TX_EN delay
tMTKHDX
1
5
15
ns
Table 26. GMII Receive AC Timing Specifications (continued)
At recommended operating conditions with LVDD/OVDD of 3.3 V ± 10%.
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
RX_CLK
RXD[7:0]
tGRDXKH
tGRX
tGRXH
tGRXR
tGRXF
tGRDVKH
RX_DV
RX_ER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com