Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8347ECVRADFB Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRADFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRADFB Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRADFB Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
48
Freescale Semiconductor
PCI
13 PCI
This section describes the DC and AC electrical specifications for the PCI bus of the MPC8347EA.
13.1
PCI DC Electrical Characteristics
Table 44 provides the DC electrical characteristics for the PCI interface of the MPC8347EA.
13.2
PCI AC Electrical Specifications
This section describes the general AC timing parameters of the PCI bus of the MPC8347EA. Note that the
PCI_CLK or PCI_SYNC_IN signal is used as the PCI input clock depending on whether the device is
configured as a host or agent device. Table 45 provides the PCI AC timing specifications at 66 MHz.
Table 44. PCI DC Electrical Characteristics
Parameter
Symbol
Test Condition
Min
Max
Unit
High-level input voltage
VIH
VOUT ≥ VOH (min) or
2
OVDD +0.3
V
Low-level input voltage
VIL
VOUT ≤ VOL (max)
–0.3
0.8
V
Input current
IIN
VIN
1= 0 V or V
IN = OVDD
—±5
μA
High-level output voltage
VOH
OVDD = min,
IOH = –100 μA
OVDD –0.2
—
V
Low-level output voltage
VOL
OVDD = min,
IOL = 100 μA
—0.2
V
Note:
1. The symbol VIN, in this case, represents the OVIN symbol referenced in Table 1.
Table 45. PCI AC Timing Specifications at 66 MHz1
Parameter
Symbol2
Min
Max
Unit
Notes
Clock to output valid
tPCKHOV
—6.0
ns
3
Output hold from clock
tPCKHOX
1—
ns
3
Clock to output high impedance
tPCKHOZ
—14
ns
3, 4
Input setup to clock
tPCIVKH
3.0
—
ns
3, 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com