Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8347ECVRADFB Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRADFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRADFB Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRADFB Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 99Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 98 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
98
Freescale Semiconductor
Document Revision History
2
8/2006
• Changed all references to revision 2.0 silicon to revision 3.0 silicon.
• Changed VIH minimum value in Table 39, “JTAG Interface DC Electrical Characteristics,” to
OVDD –0.3.
• In Table 40, “PCI DC Electrical Characteristics,” changed high-level input voltage values to min
= 2 and max = OVDD + 0.3; changed low-level input voltage values to min = (–0.3) and max = 0.8.
• In Table 44, “PCI DC Electrical Characteristics,” changed high-level input voltage values to min
= 2 and max = OVDD + 0.3; changed low-level input voltage values to min = (–0.3) and max = 0.8.
• Updated DDR2 I/O power values in Table 5, “MPC8347EA Typical I/O Power Dissipation.”
• In Table 63, “Suggested PLL Configurations,” deleted reference-number rows 902 and 703.
1
4/2006
• Removed Table 20, “Timing Parameters for DDR2-400.”
• Changed ADDR/CMD to ADDR/CMD/MODT in Table 9, “DDR and DDR2 SDRAM Output AC
Timing Specifications,” rows 2 and 3, and in Figure 2, “DDR SDRAM Output Timing Diagram.
• Changed Min and Max values for VIH and VIL in Table 40,“PCI DC Electrical Characteristics.”
• In Table 51, “MPC8347EA (TBGA) Pinout Listing,” and Table 52, “MPC8347EA (PBGA) Pinout
Listing,” modified rows for MDICO and MDIC1 signals and added note ‘It is recommended that
MDICO be tied to GRD using an 18
Ω resistor and MCIC1 be tied to DDR power using an 18 Ω
resistor.’
• In Table 51, “MPC8347EA (TBGA) Pinout Listing,” and Table 52, “MPC8347EA (PBGA) Pinout
Listing,” in row AVDD3 changed power supply from “AVDD3” to ‘—.’
0
3/2006
Initial public release
Table 72. Document Revision History (continued)
Rev.
Number
Date
Substantive Change(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com