Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8347ECVRADFB Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRADFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRADFB Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRADFB Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
32
Freescale Semiconductor
Ethernet: Three-Speed Ethernet, MII Management
Figure 16 shows the RBMII and RTBI AC timing and multiplexing diagrams.
Figure 16. RGMII and RTBI AC Timing and Multiplexing Diagrams
8.3
Ethernet Management Interface Electrical Characteristics
The electrical characteristics specified here apply to the MII management interface signals management
data input/output (MDIO) and management data clock (MDC). The electrical characteristics for GMII,
RGMII, TBI and RTBI are specified in Section 8.1, “Three-Speed Ethernet Controller
(TSEC)—GMII/MII/TBI/RGMII/RTBI Electrical Characteristics.”
8.3.1
MII Management DC Electrical Characteristics
The MDC and MDIO are defined to operate at a supply voltage of 2.5 or 3.3 V. The DC electrical
characteristics for MDIO and MDC are provided in Table 32 and Table 33.
Table 32. MII Management DC Electrical Characteristics Powered at 2.5 V
Parameter
Symbol
Conditions
Min
Max
Unit
Supply voltage (2.5 V)
LVDD
—
2.37
2.63
V
Output high voltage
VOH
IOH = –1.0 mA
LVDD = Min
2.00
LVDD +0.3
V
Output low voltage
VOL
IOL = 1.0 mA
LVDD = Min
GND – 0.3
0.40
V
Input high voltage
VIH
—LVDD = Min
1.7
—
V
Input low voltage
VIL
—LVDD = Min
–0.3
0.70
V
GTX_CLK
tRGT
tRGTH
tSKRGT
TX_CTL
TXD[8:5]
TXD[7:4]
TXD[9]
TXERR
TXD[4]
TXEN
TXD[3:0]
(At Transmitter)
TXD[8:5][3:0]
TXD[7:4][3:0]
TX_CLK
(At PHY)
RX_CTL
RXD[8:5]
RXD[7:4]
RXD[9]
RXERR
RXD[4]
RXDV
RXD[3:0]
RXD[8:5][3:0]
RXD[7:4][3:0]
RX_CLK
(At PHY)
tSKRGT
tSKRGT
tSKRGT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com