Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8347ECVRADFB Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRADFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRADFB Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRADFB Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
Freescale Semiconductor
51
GPIO
14.2
Timer AC Timing Specifications
Table 48 provides the timer input and output AC timing specifications.
15 GPIO
This section describes the DC and AC electrical specifications for the GPIO.
15.1
GPIO DC Electrical Characteristics
Table 49 provides the DC electrical characteristics for the MPC8347EA GPIO.
15.2
GPIO AC Timing Specifications
Table 50 provides the GPIO input and output AC timing specifications.
Table 48. Timers Input AC Timing Specifications1
Parameter
Symbol2
Min
Unit
Timers inputs—minimum pulse width
tTIWID
20
ns
Notes:
1. Input specifications are measured from the 50 percent level of the signal to the 50 percent level of the rising edge of CLKIN.
Timings are measured at the pin.
2. Timer inputs and outputs are asynchronous to any visible clock. Timer outputs should be synchronized before use by external
synchronous logic. Timer inputs are required to be valid for at least tTIWID ns to ensure proper operation.
Table 49. GPIO DC Electrical Characteristics
PArameter
Symbol
Condition
Min
Max
Unit
Input high voltage
VIH
—2.0
OVDD +0.3
V
Input low voltage
VIL
—–0.3
0.8
V
Input current
IIN
——
±5
μA
Output high voltage
VOH
IOH = –8.0 mA
2.4
—
V
Output low voltage
VOL
IOL = 8.0 mA
—
0.5
V
Output low voltage
VOL
IOL = 3.2 mA
—
0.4
V
Table 50. GPIO Input AC Timing Specifications1
Parameter
Symbol2
Min
Unit
GPIO inputs—minimum pulse width
tPIWID
20
ns
Notes:
1. Input specifications are measured from the 50 percent level of the signal to the 50 percent level of the rising edge of CLKIN.
Timings are measured at the pin.
2. GPIO inputs and outputs are asynchronous to any visible clock. GPIO outputs should be synchronized before use by external
synchronous logic. GPIO inputs must be valid for at least tPIWID ns to ensure proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com