Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8347ECVRADFB Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRADFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRADFB Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRADFB Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
Freescale Semiconductor
49
PCI
Table 46 provides the PCI AC timing specifications at 33 MHz.
Figure 34 provides the AC test load for PCI.
Figure 34. PCI AC Test Load
Input hold from clock
tPCIXKH
0
—
ns
3, 5
Notes:
1. PCI timing depends on M66EN and the ratio between PCI1/PCI2. Refer to the PCI chapter of the reference manual for a
description of M66EN.
2. The symbols for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for inputs
and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tPCIVKH symbolizes PCI timing (PC) with
respect to the time the input signals (I) reach the valid state (V) relative to the PCI_SYNC_IN clock, tSYS, reference (K) going
to the high (H) state or setup time. Also, tPCRHFV symbolizes PCI timing (PC) with respect to the time hard reset (R) went
high (H) relative to the frame signal (F) going to the valid (V) state.
3. See the timing measurement conditions in the PCI 2.3 Local Bus Specifications.
4. For active/float timing measurements, the Hi-Z or off-state is defined to be when the total current delivered through the
component pin is less than or equal to the leakage current specification.
5. Input timings are measured at the pin.
Table 46. PCI AC Timing Specifications at 33 MHz
Parameter
Symbol1
Min
Max
Unit
Notes
Clock to output valid
tPCKHOV
—11
ns
2
Output hold from clock
tPCKHOX
2—
ns
2
Clock to output high impedance
tPCKHOZ
—14
ns
2, 3
Input setup to clock
tPCIVKH
3.0
—
ns
2, 4
Input hold from clock
tPCIXKH
0
—
ns
2, 4
Notes:
1. The symbols for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for inputs
and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tPCIVKH symbolizes PCI timing (PC) with
respect to the time the input signals (I) reach the valid state (V) relative to the PCI_SYNC_IN clock, tSYS, reference (K) going
to the high (H) state or setup time. Also, tPCRHFV symbolizes PCI timing (PC) with respect to the time hard reset (R) went
high (H) relative to the frame signal (F) going to the valid (V) state.
2. See the timing measurement conditions in the PCI 2.3 Local Bus Specifications.
3. For active/float timing measurements, the Hi-Z or off-state is defined to be when the total current delivered through the
component pin is less than or equal to the leakage current specification.
4. Input timings are measured at the pin.
Table 45. PCI AC Timing Specifications at 66 MHz1 (continued)
Parameter
Symbol2
Min
Max
Unit
Notes
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com