Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8347ECVRADFB Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRADFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRADFB Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRADFB Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
Freescale Semiconductor
29
Ethernet: Three-Speed Ethernet, MII Management
8.2.3.1
TBI Transmit AC Timing Specifications
Table 29 provides the TBI transmit AC timing specifications.
Figure 14 shows the TBI transmit AC timing diagram.
Figure 14. TBI Transmit AC Timing Diagram
8.2.3.2
TBI Receive AC Timing Specifications
Table 30 provides the TBI receive AC timing specifications.
Table 29. TBI Transmit AC Timing Specifications
At recommended operating conditions with LVDD/OVDD of 3.3 V ± 10%.
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
GTX_CLK clock period
tTTX
—8.0
—
ns
GTX_CLK duty cycle
tTTXH/tTTX
40
—
60
%
GTX_CLK to TBI data TXD[7:0], TX_ER, TX_EN delay
tTTKHDX
1.0
—
5.0
ns
GTX_CLK clock rise (20%–80%)
tTTXR
——
1.0
ns
GTX_CLK clock fall time (80%–20%)
tTTXF
——
1.0
ns
Notes:
1. The symbols for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for inputs
and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tTTKHDV symbolizes the TBI transmit
timing (TT) with respect to the time from tTTX (K) going high (H) until the referenced data signals (D) reach the valid state (V)
or setup time. Also, tTTKHDX symbolizes the TBI transmit timing (TT) with respect to the time from tTTX (K) going high (H) until
the referenced data signals (D) reach the invalid state (X) or hold time. In general, the clock reference symbol is based on
three letters representing the clock of a particular function. For example, the subscript of tTTX represents the TBI (T) transmit
(TX) clock. For rise and fall times, the latter convention is used with the appropriate letter: R (rise) or F (fall).
Table 30. TBI Receive AC Timing Specifications
At recommended operating conditions with LVDD/OVDD of 3.3 V ± 10%.
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
PMA_RX_CLK clock period
tTRX
16.0
ns
PMA_RX_CLK skew
tSKTRX
7.5
—
8.5
ns
RX_CLK duty cycle
tTRXH/tTRX
40
—
60
%
GTX_CLK
TXD[7:0]
tTTX
tTTXH
tTTXR
tTTXF
tTTKHDX
TX_EN
TX_ER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com