Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8347ECVRADFB Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRADFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRADFB Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRADFB Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
Freescale Semiconductor
83
Clocking
19.3
Suggested PLL Configurations
Table 64 shows suggested PLL configurations for 33 and 66 MHz input clocks.
Table 64. Suggested PLL Configurations
Ref
No.1
RCWL
400 MHz Device
533 MHz Device
667 MHz Device
SPMF
CORE
PLL
Input
Clock
Freq
(MHz)2
CSB
Freq
(MHz)
Core
Freq
(MHz)
Input
Clock
Freq
(MHz)2
CSB
Freq
(MHz)
Core
Freq
(MHz)
Input
Clock
Freq
(MHz)2
CSB
Freq
(MHz)
Core
Freq
(MHz)
33 MHz CLKIN/PCI_CLK Options
922
1001
0100010
—————
f300
33
300
300
723
0111
0100011
33
233
350
33
233
350
33
233
350
604
0110
0000100
33
200
400
33
200
400
33
200
400
624
0110
0100100
33
200
400
33
200
400
33
200
400
803
1000
0000011
33
266
400
33
266
400
33
266
400
823
1000
0100011
33
266
400
33
266
400
33
266
400
903
1001
0000011
—
33300
45033300
450
923
1001
0100011
—
33300
45033300
450
704
0111
0000011
—
33233
46633233
466
724
0111
0100011
—
33233
46633233
466
A03
1010
0000011
—
33
333
500
33
333
500
804
1000
0000100
—
33266
53333266
533
705
0111
0000101
—
—
33
233
583
606
0110
0000110
—
—
33
200
600
904
1001
0000100
—
—
33
300
600
805
1000
0000101
—
—
33
266
667
A04
1010
0000100
—
—
33
333
667
66 MHz CLKIN/PCI_CLK Options
304
0011
0000100
66
200
400
66
200
400
66
200
400
324
0011
0100100
66
200
400
66
200
400
66
200
400
403
0100
0000011
66
266
400
66
266
400
66
266
400
423
0100
0100011
66
266
400
66
266
400
66
266
400
305
0011
0000101
—
66200
50066200
500
503
0101
0000011
—
66
333
500
66
333
500
404
0100
0000100
—
66266
53366266
533



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com