Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8347ECVRADFB Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRADFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRADFB Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRADFB Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
24
Freescale Semiconductor
Ethernet: Three-Speed Ethernet, MII Management
8.1.1
TSEC DC Electrical Characteristics
GMII, MII, TBI, RGMII, and RTBI drivers and receivers comply with the DC parametric attributes
specified in Table 23 and Table 24. The RGMII and RTBI signals in Table 24 are based on a 2.5-V CMOS
interface voltage as defined by JEDEC EIA/JESD8-5.
8.2
GMII, MII, TBI, RGMII, and RTBI AC Timing Specifications
The AC timing specifications for GMII, MII, TBI, RGMII, and RTBI are presented in this section.
8.2.1
GMII Timing Specifications
This section describes the GMII transmit and receive AC timing specifications.
Table 23. GMII/TBI and MII DC Electrical Characteristics
Parameter
Symbol
Conditions
Min
Max
Unit
Supply voltage 3.3 V
LVDD
2
—
2.97
3.63
V
Output high voltage
VOH
IOH = –4.0 mA
LVDD = Min
2.40
LVDD +0.3
V
Output low voltage
VOL
IOL = 4.0 mA
LVDD = Min
GND
0.50
V
Input high voltage
VIH
——
2.0
LVDD +0.3
V
Input low voltage
VIL
—
—
–0.3
0.90
V
Input high current
IIH
VIN
1 = LV
DD
—40
μA
Input low current
IIL
VIN
1 = GND
–600
—
μA
Notes:
1. The symbol VIN, in this case, represents the LVIN symbol referenced in Table 1 and Table 2.
2. GMII/MII pins not needed for RGMII or RTBI operation are powered by the OVDD supply.
Table 24. RGMII/RTBI (When Operating at 2.5 V) DC Electrical Characteristics
Parameters
Symbol
Conditions
Min
Max
Unit
Supply voltage 2.5 V
LVDD
—
2.37
2.63
V
Output high voltage
VOH
IOH = –1.0 mA
LVDD = Min
2.00
LVDD +0.3
V
Output low voltage
VOL
IOL = 1.0 mA
LVDD = Min
GND – 0.3
0.40
V
Input high voltage
VIH
—LVDD = Min
1.7
LVDD +0.3
V
Input low voltage
VIL
—LVDD = Min
–0.3
0.70
V
Input high current
IIH
VIN
1 = LV
DD
—10
μA
Input low current
IIL
VIN
1 = GND
–15
—
μA
Note:
1. The symbol VIN, in this case, represents the LVIN symbol referenced in Table 1 and Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com