Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8347ECVRADFB Datasheet(PDF) 93 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRADFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRADFB Datasheet(HTML) 93 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRADFB Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 97Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
Freescale Semiconductor
93
System Design Information
OVDD/2. RP then becomes the resistance of the pull-up devices. RP and RN are designed to be close to each
other in value. Then, Z0 = (RP + RN) ÷ 2.
Figure 44. Driver Impedance Measurement
Two measurements give the value of this resistance and the strength of the driver current source. First, the
output voltage is measured while driving logic 1 without an external differential termination resistor. The
measured voltage is V1 = Rsource × Isource. Second, the output voltage is measured while driving logic 1
with an external precision differential termination resistor of value Rterm. The measured voltage is
V2 =(1 ÷ (1/R1 +1/R2)) × Isource. Solving for the output impedance gives Rsource = Rterm × (V1 ÷ V2 –1).
The drive current is then Isource =V1 ÷ Rsource.
Table 69 summarizes the signal impedance targets. The driver impedance are targeted at minimum VDD,
nominal OVDD, 105°C.
21.6
Configuration Pin Multiplexing
The MPC8347EA power-on configuration options can be set through external pull-up or pull-down
resistors of 4.7 k
Ω on certain output pins (see the customer-visible configuration pins). These pins are used
as output only pins in normal operation.
Table 69. Impedance Characteristics
Impedance
Local Bus, Ethernet,
DUART, Control,
Configuration, Power
Management
PCI Signals
(Not Including PCI
Output Clocks)
PCI Output Clocks
(Including
PCI_SYNC_OUT)
DDR DRAM
Symbol
Unit
RN
42 Target
25 Target
42 Target
20 Target
Z0
W
RP
42 Target
25 Target
42 Target
20 Target
Z0
W
Differential
NA
NA
NA
NA
ZDIFF
W
Note: Nominal supply voltages. See Table 1, Tj = 105°C.
OVDD
OGND
RP
RN
Pad
Data
SW1
SW2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com