Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8347ECVRADFB Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRADFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRADFB Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRADFB Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
84
Freescale Semiconductor
Thermal
20 Thermal
This section describes the thermal specifications of the MPC8347EA.
20.1
Thermal Characteristics
Table 65 provides the package thermal characteristics for the 672 35
× 35 mm TBGA of the MPC8347EA.
306
0011
0000110
—
—
66
200
600
405
0100
0000101
—
—
66
266
667
504
0101
0000100
—
—
66
333
667
1 The PLL configuration reference number is the hexadecimal representation of RCWL, bits 4–15 associated with the SPMF and
COREPLL settings given in the table.
2 The input clock is CLKIN for PCI host mode or PCI_CLK for PCI agent mode.
Table 65. Package Thermal Characteristics for TBGA
Characteristic
Symbol
Value
Unit
Notes
Junction-to-ambient natural convection on single-layer board (1s)
RθJA
14
°C/W
1, 2
Junction-to-ambient natural convection on four-layer board (2s2p)
RθJMA
11
°C/W
1, 3
Junction-to-ambient (at 200 ft/min) on single-layer board (1s)
RθJMA
11
°C/W
1, 3
Junction-to-ambient (at 200 ft/min) on four-layer board (2s2p)
RθJMA
8
°C/W
1, 3
Junction-to-ambient (at 2 m/s) on single-layer board (1s)
RθJMA
9
°C/W
1, 3
Junction-to-ambient (at 2 m/s) on four-layer board (2s2p)
RθJMA
7
°C/W
1, 3
Junction-to-board thermal
RθJB
3.8
°C/W
4
Junction-to-case thermal
RθJC
1.7
°C/W
5
Table 64. Suggested PLL Configurations (continued)
Ref
No.1
RCWL
400 MHz Device
533 MHz Device
667 MHz Device
SPMF
CORE
PLL
Input
Clock
Freq
(MHz)2
CSB
Freq
(MHz)
Core
Freq
(MHz)
Input
Clock
Freq
(MHz)2
CSB
Freq
(MHz)
Core
Freq
(MHz)
Input
Clock
Freq
(MHz)2
CSB
Freq
(MHz)
Core
Freq
(MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com