Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5601PEF0MLL4R Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MPC5601PEF0MLL4R
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5601PEF0MLL4R Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MPC5601PEF0MLL4R Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 4.1
Freescale Semiconductor
22
Table 3. Supply pins
Supply
Pin
Symbol
Description
64-pin
100-pin
VREG control and power supply pins. Pins available on 64-pin and 100-pin packages
BCTRL
Voltage regulator external NPN ballast base control pin
31
47
VDD_HV_REG
(3.3 V or 5.0 V)
Voltage regulator supply voltage
32
50
ADC_0 reference and supply voltage. Pins available on 64-pin and 100-pin packages
VDD_HV_ADC01
1 Analog supply/ground and high/low reference lines are internally physically separate, but are shorted via a
double-bonding connection on VDD_HV_ADCx/VSS_HV_ADCx pins.
ADC_0 supply and high reference voltage
28
39
VSS_HV_ADC0
ADC_0 ground and low reference voltage
29
40
Power supply pins (3.3 V or 5.0 V). Pins available on 64-pin and 100-pin packages
VDD_HV_IO1
Input/output supply voltage
6
13
VSS_HV_IO1
Input/output ground
7
14
VDD_HV_IO2
Input/output supply voltage and data Flash memory supply voltage
40
63
VSS_HV_IO2
Input/output ground and Flash memory HV ground
39
62
VDD_HV_IO3
Input/output supply voltage and code Flash memory supply voltage
55
87
VSS_HV_IO3
Input/output ground and code Flash memory HV ground
56
88
VDD_HV_OSC
Crystal oscillator amplifier supply voltage
9
16
VSS_HV_OSC
Crystal oscillator amplifier ground
10
17
Power supply pins (1.2 V). Pins available on 64-pin and 100-pin packages
VDD_LV_COR0
1.2 V supply pins for core logic and PLL. Decoupling capacitor must be
connected between these pins and the nearest VSS_LV_COR pin.
16
25
VSS_LV_COR0
1.2 V supply pins for core logic and PLL. Decoupling capacitor must be
connected between these pins and the nearest VDD_LV_COR pin.
15
24
VDD_LV_COR1
1.2 V supply pins for core logic and data Flash. Decoupling capacitor
must be connected between these pins and the nearest VSS_LV_COR pin.
42
65
VSS_LV_COR1
1.2 V supply pins for core logic and data Flash. Decoupling capacitor
must be connected between these pins and the nearest VDD_LV_COR pin.
43
66
VDD_LV_COR2
1.2 V supply pins for core logic and code Flash. Decoupling capacitor
must be connected between these pins and the nearest VSS_LV_COR pin.
58
92
VSS_LV_COR2
1.2 V supply pins for core logic and code Flash. Decoupling capacitor
must be connected betwee.n these pins and the nearest VDD_LV_COR pin.
59
93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com