Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5601PEF0MLL4R Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # MPC5601PEF0MLL4R
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5601PEF0MLL4R Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button MPC5601PEF0MLL4R Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 4.1
Freescale Semiconductor
89
3
16 Dec 2010 “Introduction” section:
• Changed title (was “Overview“)
• Updated contents
“MPC5602P device comparison” table:
• Added sentence above table
• Removed “FlexRay” row
“MPC5602P block diagram”: added the following blocks: MC_CGM, MC_ME, MC_PCU,
MC_RGM, CRC, and SSCM
Added “MPC5602P series block summary” table
“Pin muxing” section: removed information on “Symmetric pads”
“Electrical characteristics” section:
• Updated “Caution” note
• Demoted “NVUSRO register” section to subsection of “DC electrical characteristics”
section
• “NVUSRO register” section: deleted “NVUSRO[WATCHDOG_EN] field description“
section
Updated “EMI testing specifications” table
“Low voltage monitor electrical characteristics” table: updated VMLVDDOK_H max value
“DC electrical characteristics (5.0 V, NVUSRO[PAD3V5V] = 0)” table: removed VOL_SYM,
and VOH_SYM rows
“Supply current (5.0 V, NVUSRO[PAD3V5V] = 0)” table:
•IDD_LV_CORE, RUN—Maximum mode, 40/64 MHz: updated typ/max values
•IDD_LV_CORE, RUN—Airbag mode, 40/64 MHz: updated typ/max values
•IDD_LV_CORE, RUN—Maximum mode, “P” parameter classification: removed
•IDD_FLASH: removed rows
•IDD_ADC, Maximum mode: updated typ/max values
•IDD_OSC: updated max value
Updated “DC electrical characteristics (3.3 V, NVUSRO[PAD3V5V] = 1)” table
“Supply current (3.3 V, NVUSRO[PAD3V5V] = 1)” table:
•IDD_LV_CORE, RUN—Maximum mode, 40/64 MHz: updated typ/max values
•IDD_LV_CORE, RUN—Airbag mode, 40/64 MHz: updated typ/max values
•IDD_FLASH: removed rows
•IDD_ADC, Maximum mode: updated typ/max values
•IDD_OSC: updated max value
Added “I/O consumption” table
Removed “I/O weight” table
Updated “Main oscillator electrical characteristics (5.0 V, NVUSRO[PAD3V5V] = 0)” table
Updated “Main oscillator electrical characteristics (3.3 V, NVUSRO[PAD3V5V] = 1)” table
“Input clock characteristics” table: updated fCLK max value
“PLLMRFM electrical specifications (VDDPLL = 1.08 V to 1.32 V, VSS = VSSPLL = 0 V,
TA =TL to TH)” table:
• Updated supply voltage range for VDDPLL in the table title
• Updated fSCM max value
• Updated CJITTER row
• Updated fMOD max value
Updated “16 MHz RC oscillator electrical characteristics” table
Updated “ADC conversion characteristics” table
Table 40. Revision history (continued)
Revision
Date
Description of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com