Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5601PEF0MLL4R Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # MPC5601PEF0MLL4R
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5601PEF0MLL4R Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MPC5601PEF0MLL4R Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 4.1
Freescale Semiconductor
45
•
Several low voltage detectors, working on voltage regulator supply monitor the voltage of the critical modules (voltage
regulator, I/Os, flash memory and low voltage domain). LVDs are gated low when POWER_ON is active.
•
A POWER_OK signal is generated when all critical supplies monitored by the LVD are available. This signal is active
high and released to all modules including I/Os, flash memory and 16 MHz RC oscillator needed during power-up
phase and reset phase. When POWER_OK is low the associated modules are set into a safe state.
Figure 9. Power-up typical sequence
VDD_HV_REG
0V
3.3V
0V
3.3V
VDD_LV_REGCOR
0V
1.2V
0V
3.3V
POWER_ON
LVDM (HV)
0V
LVDD (LV)
3.3V
0V
POWER_OK
3.3V
RC16MHz Oscillator
0V
1.2V
P0
P1
0V
1.2V
Internal Reset Generation Module
FSM
~1us
VPOR_UP
VPORH
VLVDHV3H
VMLVDOK_H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com