Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5601PEF0MLL4R Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # MPC5601PEF0MLL4R
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5601PEF0MLL4R Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button MPC5601PEF0MLL4R Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 4.1
Freescale Semiconductor
71
Figure 22. JTAG boundary scan timing
3.17.3
Nexus timing
Table 37. Nexus debug port timing1
No.
Symbol
C
Parameter
Value
Unit
Min
Typ
Max
1tTCYC
CC D TCK cycle time
42
——
tCYC
2tNTDIS
CC D TDI data setup time
5
—
—
ns
tNTMSS
CC D TMS data setup time
5
—
—
ns
3tNTDIH
CC D TDI data hold time
25
—
—
ns
tNTMSH
CC D TMS data hold time
25
—
—
ns
4tTDOV
CC D TCK low to TDO data valid
10
—
20
ns
5tTDOI
CC D TCK low to TDO data invalid
—
—
—
ns
TCK
Output
Signals
Input
Signals
Output
Signals
11
12
13
14
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com