Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5601PEF0MLL4R Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # MPC5601PEF0MLL4R
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5601PEF0MLL4R Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button MPC5601PEF0MLL4R Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 4.1
Freescale Semiconductor
90
3
(continued)
16 Dec 2010 “Program and erase specifications” table:
•Twprogram: updated initial max and max values
•TBKPRG, 64 KB: updated initial max and max values
• added information about “erase time” for Data Flash
“Flash module life” table:
• P/E, 32 KB: added typ value
• P/E, 128 KB: added typ value
Replaced “Pad AC specifications (5.0 V, NVUSRO[PAD3V5V] = 0)” and “Pad AC
specifications (3.3 V, INVUSRO[PAD3V5V] = 1)” tables with “Output pin transition
times” table
“JTAG pin AC electrical characteristics” table:
•tTDOV: updated max value
•tTDOHZ: added min value and removed max value
“Nexus debug port timing” table: removed the rows “tMCYC”, “tMDOV”, “tMSEOV”, and
“tEVTOV”
Updated “External interrupt timing (IRQ pin)” table
Updated “FlexCAN timing” table
Updated “DSPI timing” table
Updated “Ordering information” section
Table 40. Revision history (continued)
Revision
Date
Description of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com