Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5601PEF0MLL4R Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # MPC5601PEF0MLL4R
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5601PEF0MLL4R Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button MPC5601PEF0MLL4R Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 4.1
Freescale Semiconductor
41
where:
RJA = junction-to-ambient thermal resistance (°C/W)
RJC = junction-to-case thermal resistance (°C/W)
RCA = case-to-ambient thermal resistance (°C/W)
RJC is device related and cannot be influenced by the user. The user controls the thermal environment to change the
case-to-ambient thermal resistance, RCA. For instance, the user can change the size of the heat sink, the air flow around the
device, the interface material, the mounting arrangement on printed circuit board, or change the thermal dissipation on the
printed circuit board surrounding the device.
To determine the junction temperature of the device in the application when heat sinks are not used, the Thermal
Characterization Parameter (
JT) can be used to determine the junction temperature with a measurement of the temperature at
the top center of the package case using Equation 3:
TJ = TT + (JT x PD)
Eqn. 3
where:
TT = thermocouple temperature on top of the package (°C)
JT = thermal characterization parameter (°C/W)
PD = power dissipation in the package (W)
The thermal characterization parameter is measured per JESD51-2 specification using a 40 gauge type T thermocouple epoxied
to the top center of the package case. The thermocouple should be positioned so that the thermocouple junction rests on the
package. A small amount of epoxy is placed over the thermocouple junction and over about 1 mm of wire extending from the
junction. The thermocouple wire is placed flat against the package case to avoid measurement errors caused by cooling effects
of the thermocouple wire.
References:
•
Semiconductor Equipment and Materials International
3081 Zanker Road
San Jose, CA 95134U.S.A.
(408) 943-6900
•
MIL-SPEC and EIA/JESD (JEDEC) specifications are available from Global Engineering Documents at (800)
854-7179 or (303) 397-7956.
•
JEDEC specifications are available on the WEB at http://www.jedec.org.
•
C.E. Triplett and B. Joiner, An Experimental Characterization of a 272 PBGA Within an Automotive Engine Controller
Module, Proceedings of SemiTherm, San Diego, 1998, pp. 47–54.
•
G. Kromann, S. Shidore, and S. Addison, Thermal Modeling of a PBGA for Air-Cooled Applications, Electronic
Packaging and Production, pp. 53–58, March 1998.
•
B. Joiner and V. Adams, Measurement and Simulation of Junction to Board Thermal Resistance and Its Application in
Thermal Modeling, Proceedings of SemiTherm, San Diego, 1999, pp. 212–220.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com