Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5601PEF0MLL4R Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC5601PEF0MLL4R
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5601PEF0MLL4R Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC5601PEF0MLL4R Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 4.1
Freescale Semiconductor
12
•
Programmable selection of reset or interrupt on an initial time-out
•
Master access protection
•
Hard and soft configuration lock bits
•
Reset configuration inputs allow timer to be enabled out of reset
1.5.15
Fault collection unit (FCU)
The FCU provides an independent fault reporting mechanism even if the CPU is malfunctioning.
The FCU module has the following features:
•
FCU status register reporting the device status
•
Continuous monitoring of critical fault signals
•
User selection of critical signals from different fault sources inside the device
•
Critical fault events trigger 2 external pins (user selected signal protocol) that can be used externally to reset the device
and/or other circuitry (for example, a safety relay)
•
Faults are latched into a register
1.5.16
System integration unit – Lite (SIUL)
The MPC5602P SIUL controls MCU pad configuration, external interrupt, general purpose I/O (GPIO), and internal peripheral
multiplexing.
The pad configuration block controls the static electrical characteristics of I/O pins. The GPIO block provides uniform and
discrete input/output control of the I/O pins of the MCU.
The SIUL provides the following features:
•
Centralized general purpose input output (GPIO) control of up to 49 input/output pins and 16 analog input-only pads
(package dependent)
•
All GPIO pins can be independently configured to support pull-up, pull-down, or no pull
•
Reading and writing to GPIO supported both as individual pins and 16-bit wide ports
•
All peripheral pins, except ADC channels, can be alternatively configured as both general purpose input or output pins
•
ADC channels support alternative configuration as general purpose inputs
•
Direct readback of the pin value is supported on all pins through the SIUL
•
Configurable digital input filter that can be applied to some general purpose input pins for noise elimination
•
Up to 4 internal functions can be multiplexed onto 1 pin
1.5.17
Boot and censorship
Different booting modes are available in the MPC5602P: booting from internal flash memory and booting via a serial link.
The default booting scheme uses the internal flash memory (an internal pull-down resistor is used to select this mode).
Optionally, the user can boot via FlexCAN or LINFlex (using the boot assist module software).
A censorship scheme is provided to protect the content of the flash memory and offer increased security for the entire device.
A password mechanism is designed to grant the legitimate user access to the non-volatile memory.
1.5.17.1
Boot assist module (BAM)
The BAM is a block of read-only memory that is programmed once and is identical for all MPC560xP devices that are based
on the e200z0h core. The BAM program is executed every time the device is powered on if the alternate boot mode has been
selected by the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com