Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5601PEF0MLL4R Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # MPC5601PEF0MLL4R
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5601PEF0MLL4R Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button MPC5601PEF0MLL4R Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 4.1
Freescale Semiconductor
52
3.10.5
I/O pad current specification
The I/O pads are distributed across the I/O supply segment. Each I/O supply segment is associated to a VDD/VSS supply pair as
described in Table 21.
Table 21. I/O supply segment
Package
Supply segment
12
345
100 LQFP
pin15–pin26
pin27–pin46
pin51–pin61
pin64–pin86
pin89–pin10
64 LQFP
pin8–pin17
pin18–pin30
pin33–pin38
pin41–pin54
pin57–pin5
Table 22. I/O consumption
Symbol
C
Parameter
Conditions1
Value
Unit
Min
Typ
Max
ISWTSLW,2 CC D Dynamic I/O current
for SLOW
configuration
CL = 25 pF
VDD = 5.0 V ± 10%,
PAD3V5V = 0
——
20
mA
VDD = 3.3 V ± 10%,
PAD3V5V = 1
——
16
ISWTMED(2) CC D Dynamic I/O current
for MEDIUM
configuration
CL = 25 pF
VDD = 5.0 V ± 10%,
PAD3V5V = 0
——
29
mA
VDD = 3.3 V ± 10%,
PAD3V5V = 1
——
17
ISWTFST(2) CC D Dynamic I/O current
for FAST
configuration
CL = 25 pF
VDD = 5.0 V ± 10%,
PAD3V5V = 0
——
110
mA
VDD = 3.3 V ± 10%,
PAD3V5V = 1
——
50
IRMSSLW
CC D Root medium square
I/O current for SLOW
configuration
CL = 25 pF, 2 MHz
VDD = 5.0 V ± 10%,
PAD3V5V = 0
——
2.3
mA
CL = 25 pF, 4 MHz
—
—
3.2
CL = 100 pF, 2 MHz
—
—
6.6
CL = 25 pF, 2 MHz
VDD = 3.3 V ± 10%,
PAD3V5V = 1
——
1.6
CL = 25 pF, 4 MHz
—
—
2.3
CL = 100 pF, 2 MHz
—
—
4.7
IRMSMED
CC D Root medium square
I/O current for
MEDIUM
configuration
CL = 25 pF, 13 MHz VDD = 5.0 V ± 10%,
PAD3V5V = 0
——
6.6
mA
CL = 25 pF, 40 MHz
—
—
13.4
CL = 100 pF, 13 MHz
—
—
18.3
CL = 25 pF, 13 MHz VDD = 3.3 V ± 10%,
PAD3V5V = 1
——
5
CL = 25 pF, 40 MHz
—
—
8.5
CL = 100 pF, 13 MHz
—
—
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com