Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5601PEF0MLL4R Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # MPC5601PEF0MLL4R
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5601PEF0MLL4R Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button MPC5601PEF0MLL4R Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 4.1
Freescale Semiconductor
47
3.10
DC electrical characteristics
3.10.1
NVUSRO register
Portions of the device configuration, such as high voltage supply, oscillator margin, and watchdog enable/disable after reset are
controlled via bit values in the non-volatile user options (NVUSRO) register.
For a detailed description of the NVUSRO register, please refer to the device reference manual.
3.10.1.1
NVUSRO[PAD3V5V] field description
The DC electrical characteristics are dependent on the PAD3V5V bit value. Table 15 shows how NVUSRO[PAD3V5V]
controls the device configuration.
3.10.1.2
NVUSRO[OSCILLATOR_MARGIN] field description
The fast external crystal oscillator consumption is dependent on the OSCILLATOR_MARGIN bit value. Table 16 shows how
NVUSRO[OSCILLATOR_MARGIN] controls the device configuration.
3.10.2
DC electrical characteristics (5 V)
Table 17 gives the DC electrical characteristics at 5 V (4.5 V < VDD_HV_IOx < 5.5 V, NVUSRO[PAD3V5V] = 0).
Table 15. PAD3V5V field description
Value1
1 Default manufacturing value before flash initialization is ‘1’ (3.3 V).
Description
0
High voltage supply is 5.0 V
1
High voltage supply is 3.3 V
Table 16. OSCILLATOR_MARGIN field description
Value1
1 Default manufacturing value before flash initialization is ‘1’.
Description
0
Low consumption configuration (4 MHz/8 MHz)
1
High margin configuration (4 MHz/16 MHz)
Table 17. DC electrical characteristics (5.0 V, NVUSRO[PAD3V5V] = 0)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max
VIL
D Low level input voltage
—
0.41
—V
P—
—
0.35 VDD_HV_IOx
V
VIH
P High level input voltage
—
0.65 VDD_HV_IOx
—V
D—
—
VDD_HV_IOx +0.41 V
VHYS
T Schmitt trigger hysteresis
—
0.1 VDD_HV_IOx
—V
VOL_S
P Slow, low level output voltage
IOL =3 mA
—
0.1 VDD_HV_IOx
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com