Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5601PEF0MLL4R Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # MPC5601PEF0MLL4R
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5601PEF0MLL4R Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button MPC5601PEF0MLL4R Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 4.1
Freescale Semiconductor
44
3.8.2
Voltage monitor electrical characteristics
The device implements a power on reset module to ensure correct power-up initialization, as well as three low voltage detectors
to monitor the VDD and the VDD_LV voltage while device is supplied:
•
POR monitors VDD during the power-up phase to ensure device is maintained in a safe reset state
•
LVDHV3 monitors VDD to ensure device reset below minimum functional supply
•
LVDHV5 monitors VDD when application uses device in the 5.0 V ± 10% range
•
LVDLVCOR monitors low voltage digital power domain
3.9
Power up/down sequencing
To prevent an overstress event or a malfunction within and outside the device, the MPC5602P implements the following
sequence to ensure each module is started only when all conditions for switching it ON are available:
•
A POWER_ON module working on voltage regulator supply controls the correct start-up of the regulator. This is a
key module ensuring safe configuration for all voltage regulator functionality when supply is below 1.5 V. Associated
POWER_ON (or POR) signal is active low.
CDEC2
SR — External decoupling/stability
ceramic capacitor
Four capacitances of 440 nF
each
1200 1760
—
nF
CDEC3
SR — External decoupling/stability
ceramic capacitor on
VDD_HV_REG
Two capacitances of 10 µF
each
2 × 10
—
—
µF
Table 14. Low voltage monitor electrical characteristics
Symbol
C
Parameter
Conditions1
1 VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 °C to TA MAX, unless otherwise specified
Value
Unit
Min
Max
VPORH
T Power-on reset threshold
—
1.5
2.7
V
VPORUP
P Supply for functional POR module
TA = 25 °C
1.0
—
V
VREGLVDMOK_H
P Regulator low voltage detector high threshold
—
—
2.95
V
VREGLVDMOK_L
P Regulator low voltage detector low threshold
—
2.6
—
V
VFLLVDMOK_H
P Flash low voltage detector high threshold
—
—
2.95
V
VFLLVDMOK_L
P Flash low voltage detector low threshold
—
2.6
—
V
VIOLVDMOK_H
P I/O low voltage detector high threshold
—
—
2.95
V
VIOLVDMOK_L
P I/O low voltage detector low threshold
—
2.6
—
V
VIOLVDM5OK_H
P I/O 5 V low voltage detector high threshold
—
—
4.4
V
VIOLVDM5OK_L
P I/O 5 V low voltage detector low threshold
—
3.8
—
V
VMLVDDOK_H
P Digital supply low voltage detector high
—
—
1.145
V
VMLVDDOK_L
P Digital supply low voltage detector low
—
1.08
—
V
Table 13. Voltage regulator electrical characteristics (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com