Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5601PEF0MLL4R Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # MPC5601PEF0MLL4R
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5601PEF0MLL4R Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MPC5601PEF0MLL4R Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 4.1
Freescale Semiconductor
36
Figure 5. Independent ADC supply (–0.3 V
 VDD_HV_REG  6.0 V)
3.4
Recommended operating conditions
Table 8. Recommended operating conditions (5.0 V)
Symbol
Parameter
Conditions
Value
Unit
Min
Max1
VSS
SR Device ground
—
0
0
V
VDD_HV_IOx2
SR 5.0 V input/output supply
voltage
—4.5
5.5
V
VSS_HV_IOx
SR Input/output ground
voltage
—0
0
V
VDD_HV_OSC
SR 5.0 V crystal oscillator
amplifier supply voltage
—4.5
5.5
V
Relative to
VDD_HV_IOx
VDD_HV_IOx –0.1 VDD_HV_IOx +0.1
VSS_HV_OSC
SR 5.0 V crystal oscillator
amplifier reference voltage
—0
0
V
VDD_HV_REG
SR 5.0 V voltage regulator
supply voltage
—4.5
5.5
V
Relative to
VDD_HV_IOx
VDD_HV_IOx –0.1 VDD_HV_IOx +0.1
VDD_HV_ADC0
SR 5.0 V ADC_0 supply and
high reference voltage
—4.5
5.5
V
Relative to
VDD_HV_REG
VDD_HV_REG –0.1
—
VDD_HV_ADCx
6.0 V
VDD_HV_REG
–0.3 V
2.7 V
–0.3 V
6.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com