Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5601PEF0MLL4R Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC5601PEF0MLL4R
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5601PEF0MLL4R Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC5601PEF0MLL4R Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 4.1
Freescale Semiconductor
10
lower priority ISRs do not delay the execution of higher priority ISRs. To allow the appropriate priorities for each source of
interrupt request, the priority of each interrupt request is software configurable.
When multiple tasks share a resource, coherent accesses to that resource need to be supported. The INTC supports the priority
ceiling protocol (PCP) for coherent accesses. By providing a modifiable priority mask, the priority can be raised temporarily so
that all tasks which share the same resource can not preempt each other.
The INTC provides the following features:
•
Unique 9-bit vector for each separate interrupt source
•
8 software triggerable interrupt sources
•
16 priority levels with fixed hardware arbitration within priority levels for each interrupt source
•
Ability to modify the ISR or task priority: modifying the priority can be used to implement the priority ceiling protocol
for accessing shared resources.
•
1 external high priority interrupt (NMI) directly accessing the main core and I/O processor (IOP) critical interrupt
mechanism
1.5.7
System status and configuration module (SSCM)
The system status and configuration module (SSCM) provides central device functionality.
The SSCM includes these features:
•
System configuration and status
— Memory sizes/status
— Device mode and security status
— Determine boot vector
— Search code flash for bootable sector
— DMA status
•
Debug status port enable and selection
•
Bus and peripheral abort enable/disable
1.5.8
System clocks and clock generation
The following list summarizes the system clock and clock generation on the MPC5602P:
•
Lock detect circuitry continuously monitors lock status
•
Loss of clock (LOC) detection for PLL outputs
•
Programmable output clock divider (
1, 2, 4, 8)
•
FlexPWM module and eTimer module running at the same frequency as the e200z0h core
•
Internal 16 MHz RC oscillator for rapid start-up and safe mode: supports frequency trimming by user application
1.5.9
Frequency-modulated phase-locked loop (FMPLL)
The FMPLL allows the user to generate high speed system clocks from a 4–40 MHz input clock. Further, the FMPLL supports
programmable frequency modulation of the system clock. The PLL multiplication factor, output clock divider ratio are all
software configurable.
The FMPLL has the following major features:
•
Input clock frequency: 4–40 MHz
•
Maximum output frequency: 64 MHz
•
Voltage controlled oscillator (VCO)—frequency 256–512 MHz
•
Reduced frequency divider (RFD) for reduced frequency operation without forcing the FMPLL to relock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com