Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5601PEF0MLL4R Datasheet(PDF) 54 Page - Freescale Semiconductor, Inc

Part # MPC5601PEF0MLL4R
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5601PEF0MLL4R Datasheet(HTML) 54 Page - Freescale Semiconductor, Inc

Back Button MPC5601PEF0MLL4R Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 58Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 4.1
Freescale Semiconductor
54
3.12
FMPLL electrical characteristics
Table 24. Main oscillator output electrical characteristics (3.3 V, NVUSRO[PAD3V5V] = 1)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max
fOSC
SR — Oscillator frequency
4
40
MHz
gm
— P Transconductance
4
20
mA/V
VOSC
— T Oscillation amplitude on XTAL pin
1
—
V
tOSCSU — T Start-up time1,2
1 The start-up time is dependent upon crystal characteristics, board leakage, etc. High ESR and
excessive capacitive loads can cause long start-up time.
2 Value captured when amplitude reaches 90% of XTAL
8—
ms
CL
CC T XTAL load capacitance3
3 This value is determined by the crystal manufacturer and board design. For 4 MHz to 40 MHz crystals
specified for this oscillator, load capacitors should not exceed these limits.
4MHz
5
30
pf
T8 MHz
5
26
T12 MHz
5
23
T16 MHz
5
19
T20 MHz
5
16
T40 MHz
5
8
Table 25. Input clock characteristics
Symbol
Parameter
Value
Unit
Min
Typ
Max
fOSC
SR Oscillator frequency
4
—
40
MHz
fCLK
SR Frequency in bypass
—
—
64
MHz
trCLK
SR Rise/fall time in bypass
—
—
1
ns
tDC
SR Duty cycle
47.5
50
52.5
%
Table 26. FMPLL electrical characteristics
Symbol
C
Parameter
Conditions1
Value
Unit
Min
Max
fref_crystal
fref_ext
D PLL reference frequency range2
Crystal reference
4
40
MHz
fPLLIN
D Phase detector input frequency range
(after pre-divider)
—4
16
MHz
fFMPLLOUT
D Clock frequency range in normal mode
—
16
64
MHz
fFREE
P Free-running frequency
Measured using clock
division—typically /16
20
150
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com