Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5601PEF0MLL4R Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MPC5601PEF0MLL4R
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5601PEF0MLL4R Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MPC5601PEF0MLL4R Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 4.1
Freescale Semiconductor
39
Figure 6 shows the constraints of the different power supplies.
Figure 6. Power supplies constraints (3.0 V
 VDD_HV_IOx  5.5 V)
The MPC5602P supply architecture allows the ADC supply to be managed independently from the standard VDD_HV supply.
Figure 7 shows the constraints of the ADC power supply.
Figure 7. Independent ADC supply (3.0 V
VDD_HV_REG  5.5 V)
VDD_HV_xxx
VDD_HV_IOx
3.0 V
5.5 V
3.0 V
5.5 V
3.3 V
3.3 V
Note: IO AC and DC characteristics are guaranteed only in the range of 3.0–3.6 V when
PAD3V5V is low, and in the range of 4.5–5.5 V when PAD3V5V is high.
5.5 V
3.0 V
VDD_HV_REG
3.0 V
5.5 V
VDD_HV_ADCx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com