Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5601PEF0MLL4R Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # MPC5601PEF0MLL4R
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5601PEF0MLL4R Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button MPC5601PEF0MLL4R Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 4.1
Freescale Semiconductor
51
3.10.4
Input DC electrical characteristics definition
Figure 12 shows the DC electrical characteristics behavior as function of time.
Figure 12. Input DC electrical characteristics definition
Table 20. Supply current (3.3 V, NVUSRO[PAD3V5V] = 1)
Symbol
C
Parameter
Conditions
Value1
1 All values to be confirmed after characterization/data collection.
Unit
Typ
Max
IDD_LV_CORx T
RUN—Maximum mode2
2 Maximum mode: FlexPWM, ADC, CTU, DSPI, LINFlex, FlexCAN, 15 output pins, PLL_0 enabled, 125 °C ambient.
I/O supply current excluded.
VDD_LV_CORx externally
forced at 1.3 V
40 MHz
44
55
mA
64 MHz
52
65
RUN—Typical mode3
3 Typical mode configurations: DSPI, LINFlex, FlexCAN, 15 output pins, PLL_0, 105 °C ambient. I/O supply current
excluded.
40 MHz
38
46
64 MHz
45
54
P
HALT mode4
4 Halt mode configurations: Code fetched from SRAM, code flash memory and data flash memory in low power
mode, OSC/PLL_0 are OFF, core clock frozen, all peripherals disabled.
—1.5
10
STOP mode5
5 STOP “P” mode Device Under Test (DUT) configuration: Code fetched from SRAM, code flash memory and data
flash memory off, OSC/PLL_0 are OFF, core clock frozen, all peripherals disabled.
—1
10
IDD_ADC
TADC
VDD_HV_ADC0 at 3.3 V
fADC =16MHz
ADC_0
3
4
IDD_OSC
T
Oscillator
VDD_HV_OSC at 3.3 V
8 MHz
2.6
3.2
VIL
VIN
VIH
PDIx = ‘1’
VDD
VHYS
(GPDI register of SIUL)
PDIx = ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com