Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5601PEF0MLL4R Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # MPC5601PEF0MLL4R
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5601PEF0MLL4R Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button MPC5601PEF0MLL4R Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 4.1
Freescale Semiconductor
87
5
Ordering information
Figure 42. Commercial product code structure
Qualification Status
Power Architecture Core
Automotive Platform
Core Version
Flash Size (core dependent)
Product
Optional Fields
MPC
56
P
E
F0
M
Example code:
02
Temperature spec.
Package Code
Qualification Status
M = MC status
S = Automotive qualified
P = PC status
Automotive Platform
56 = Power Architecture in 90 nm
Core Version
0 = e200z0
Flash Size (z0 core)
1 = 192 KB
2 = 256 KB
Product
P = MPC560xP family
Optional fields
E = Data Flash (blank if none)
Frequency
LL
Temperature spec.
V = –40 to 105 °C
M = –40 to 125 °C
Package Code
LH = 64 LQFP
LL = 100 LQFP
Frequency
4 = 40 MHz
6= 64 MHz
Fab & Mask Revision
R = Tape & Reel (blank if Tray)
4R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com