Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5601PEF0MLL4R Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC5601PEF0MLL4R
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5601PEF0MLL4R Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC5601PEF0MLL4R Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 4.1
Freescale Semiconductor
11
•
Frequency-modulated PLL
— Modulation enabled/disabled through software
— Triangle wave modulation
•
Programmable modulation depth (±0.25% to ±4% deviation from center frequency): programmable modulation
frequency dependent on reference frequency
•
Self-clocked mode (SCM) operation
1.5.10
Main oscillator
The main oscillator provides these features:
•
Input frequency range: 4–40 MHz
•
Crystal input mode or oscillator input mode
•
PLL reference
1.5.11
Internal RC oscillator
This device has an RC ladder phase-shift oscillator. The architecture uses constant current charging of a capacitor. The voltage
at the capacitor is compared by the stable bandgap reference voltage.
The RC oscillator provides these features:
•
Nominal frequency 16 MHz
•
±5% variation over voltage and temperature after process trim
•
Clock output of the RC oscillator serves as system clock source in case loss of lock or loss of clock is detected by the
PLL
•
RC oscillator is used as the default system clock during startup
1.5.12
Periodic interrupt timer (PIT)
The PIT module implements these features:
•
4 general-purpose interrupt timers
•
32-bit counter resolution
•
Clocked by system clock frequency
•
Each channel usable as trigger for a DMA request
1.5.13
System timer module (STM)
The STM implements these features:
•
One 32-bit up counter with 8-bit prescaler
•
Four 32-bit compare channels
•
Independent interrupt source for each channel
•
Counter can be stopped in debug mode
1.5.14
Software watchdog timer (SWT)
The SWT has the following features:
•
32-bit time-out register to set the time-out period
•
Programmable selection of window mode or regular servicing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com