Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5601PEF0MLL4R Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # MPC5601PEF0MLL4R
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5601PEF0MLL4R Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button MPC5601PEF0MLL4R Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 4.1
Freescale Semiconductor
43
NOTE
The voltage regulator output cannot be used to drive external circuits. Output pins are to be
used only for decoupling capacitance.
VDD_LV_COR must be generated using internal regulator and external NPN transistor. It is
not possible to provide VDD_LV_COR through external regulator.
For the MPC5602P microcontroller, 10 µF should be placed between each of the three VDD_LV_CORx/VSS_LV_CORx supply pairs
and also between the VDD_LV_REGCOR/VSS_LV_REGCOR pair. Additionally, 40 µF should be placed between the
VDD_HV_REG/VSS_HV_REG pins.
VDD = 3.0 V to 3.6 V / 4.5 V to 5.5 V, TA = –40 to 125 °C, unless otherwise specified.
Figure 8. Voltage regulator configuration
Table 13. Voltage regulator electrical characteristics
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ Max
VDD_LV_REGCOR CC P Output voltage under maximum
load run supply current
configuration
Post-trimming
1.15
—
1.32
V
CDEC1
SR — External decoupling/stability
ceramic capacitor
Bipolar BCP68 or BCX68 or
BC817SU
Three capacitances of 10 µF
19.5
30
—
µF
Bipolar BC817
One capacitance of 22 µF
14.3
22
—
µF
RREG
SR — Resulting ESR of either one or
all three CDEC1
Absolute maximum value
between 100 kHz and 10 MHz
——
45
m
BCTRL
VDD_LV_COR
CDEC3
CDEC2
CDEC1
VDD_HV_REG
BCP68,
BCX68,
BC817
MPC5602P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com