Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5601PEF0MLL4R Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # MPC5601PEF0MLL4R
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5601PEF0MLL4R Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button MPC5601PEF0MLL4R Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5601PEF0MLL4R Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 4.1
Freescale Semiconductor
66
Figure 17. Pad output delay
3.17
AC timing characteristics
3.17.1
RESET pin characteristics
The MPC5602P implements a dedicated bidirectional RESET pin.
ttr
CC D Output transition time output pin2
FAST configuration
CL = 25 pF
VDD = 5.0 V ± 10%,
PAD3V5V = 0
SIUL.PCRx.SRC = 1
——
4
ns
CL = 50 pF
—
—
6
CL = 100 pF
—
—
12
CL = 25 pF
VDD = 3.3 V ± 10%,
PAD3V5V = 1
SIUL.PCRx.SRC = 1
——
4
CL = 50 pF
—
—
7
CL = 100 pF
—
—
12
tSYM3 CC T Symmetric transition time, same drive
strength between N and P transistor
VDD = 5.0 V ± 10%, PAD3V5V = 0
—
—
4
ns
VDD = 3.3 V ± 10%, PAD3V5V = 1
—
—
5
1 VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 °C to TA MAX, unless otherwise specified.
2 CL includes device and package capacitances (CPKG < 5 pF).
3 Transition timing of both positive and negative slopes will differ maximum 50%.
Table 34. Output pin transition times (continued)
Symbol
C
Parameter
Conditions1
Value
Unit
Min Typ Max
VDD_HV_IOx/2
VOH
VOL
Rising
Edge
Output
Delay
Falling
Edge
Output
Delay
Pad
Data Input
Pad
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com