Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AT25DF641
Description  Minimum Serial Peripheral Interface Serial Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AT25DF641_13 Datasheet HTML 9Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 10Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 11Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 12Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 13Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 14Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 15Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 16Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
AT25DF641
13
3680F–DFLASH–4/10
Figure 7-1.
Byte Program
SO
SI
SCK
CS
MS B
MS B
2
3
1
0
0
0
0
0
0
0
1
0
6
7
5
4
10 11
9
8
12
39
37 38
33
36
35
34
31 32
29 30
OP C ODE
HIG H-IMP E DANC E
A
A
A
A
A
A
A
A
A
MS B
D
D
D
D
D
D
D
D
ADDR E S S B IT S A23-A0
DAT A IN
Figure 7-2.
Page Program
SO
SI
SCK
MS B
MS B
2
3
1
0
0
0
0
0
0
0
1
0
6
7
5
4
9
8
39
37 38
33
36
35
34
31 32
29 30
OP C ODE
HIG H-IMP E DANC E
A
A
A
A
A
A
MS B
D
D
D
D
D
D
D
D
ADDR E S S BITS A23-A0
DATA IN BY TE 1
MS B
D
D
D
D
D
D
D
D
DATA IN BY TE n
CS
7.2.
Dual-Input Byte/Page Program
The Dual-Input Byte/Page Program command is similar to the standard Byte/Page Program command and can be
used to program anywhere from a single byte of data up to 256-bytes of data into previously erased memory
locations. Unlike the standard Byte/Page Program command, however, the Dual-Input Byte/Page Program
command allows two bits of data to be clocked into the device on every clock cycle rather than just one.
Before the Dual-Input Byte/Page Program command can be started, the Write Enable command must have been
previously issued to the device (see “Write Enable” on page 21) to set the Write Enable Latch (WEL) bit of the
Status Register to a logical “1” state. To perform a Dual-Input Byte/Page Program command, an opcode of A2h
must be clocked into the device followed by the three address bytes denoting the first byte location of the memory
array to begin programming at. After the address bytes have been clocked in, data can then be clocked into the
device two bits at a time on both the SOI and SI pins.
The data is always input with the MSB of a byte first, and the MSB is always input on the SOI pin. During the first
clock cycle, bit seven of the first data byte would be input on the SOI pin while bit six of the same data byte would
be input on the SI pin. During the next clock cycle, bits five and four of the first data byte would be input on the
SOI and SI pins, respectively. The sequence would continue with each byte of data being input after every four
clock cycles. Like the standard Byte/Page Program command, all data clocked into the device is stored in an
internal buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com