Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # AT25DF641
Description  Minimum Serial Peripheral Interface Serial Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button AT25DF641_13 Datasheet HTML 33Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 34Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 35Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 36Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 37Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 38Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 39Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 40Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
AT25DF641
37
3680F–DFLASH–4/10
10.1.6. RSTE Bit
The RSTE bit is used to enable or disable the Reset command. When the RSTE bit is in the logical “0” state (the
default state after power-up), the Reset command is disabled and any attempts to reset the device using the
Reset command will be ignored. When the RSTE bit is in the logical “1” state, the Reset command is enabled.
The RSTE bit will retain its state as long as power is applied to the device. Once set to the logical “1” state, the
RSTE bit will remain in that state until it is modified using the Write Status Register Byte 2 command or until the
device has been power cycled. The Reset command itself will not change the state of the RSTE bit.
10.1.7. SLE Bit
The SLE bit is used to enable and disable the Sector Lockdown and Freeze Sector Lockdown State commands.
When the SLE bit is in the logical “0” state (the default state after power-up), the Sector Lockdown and Freeze
Sector Lockdown commands are disabled. If the Sector Lockdown and Freeze Sector Lockdown commands are
disabled, then any attempts to issue the commands will be ignored. This provides a safeguard for these
commands against accidental or erroneous execution. When the SLE bit is in the logical “1” state, the Sector
Lockdown and Freeze Sector Lockdown State commands are enabled.
Unlike the WEL bit, the SLE bit does not automatically reset after certain device operations. Therefore, once set,
the SLE bit will remain in the logical “1” state until it is modified using the Write Status Register Byte 2 command
or until the device has been power cycled. The Reset command has no effect on the SLE bit.
If the Freeze Sector Lockdown State command has been issued, then the SLE bit will be permanently reset in the
logical “0” state to indicate that the Sector Lockdown command has been disabled.
10.1.8. PS Bit
The PS bit indicates whether or not a sector is in the Program Suspend state.
10.1.9. ES Bit
The ES bit indicates whether or not a sector is in the Erase Suspend state.
10.1.10. RDY/BSY Bit
The RDY/BSY bit is used to determine whether or not an internal operation, such as a program or erase, is in
progress. To poll the RDY/BSY bit to detect the completion of a program or erase cycle, new Status Register data
must be continually clocked out of the device until the state of the RDY/BSY bit changes from a logical “1” to a
logical “0”.
Figure 10-1.
Read Status Register
SO
SI
SCK
CS
MS B
2
3
1
0
0
0
0
0
0
1
0
1
6
7
5
4
10 11
9
8
12
21 22
17
20
19
18
15 16
13 14
23 24
28 29
27
26
25
30
OPCODE
MS B
MS B
D
D
D
D
D
D
D
D
D
D
MS B
D
D
D
D
D
D
D
D
D
D
D
D
D
D
S TATUS R E GIS TE R
BYTE 1
S TATUS R E GIS TE R
BYTE 1
S TATUS R E GIS TE R
BYTE 2
HIG H-IMP E DANC E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com