Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # AT25DF641
Description  Minimum Serial Peripheral Interface Serial Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button AT25DF641_13 Datasheet HTML 25Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 26Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 27Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 28Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 29Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 30Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 31Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 32Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
AT25DF641
29
3680F–DFLASH–4/10
Before the Sector Lockdown command can be issued, the Write Enable command must have been previously
issued to set the WEL bit in the Status Register to a logical “1”. In addition, the Sector Lockdown Enabled (SLE)
bit in the Status Register must have also been previously set to the logical “1” state by using the Write Status
Register Byte 2 c ommand (see “Write Status Register Byte 2” on p age 39). To issue the Sector Lockdown
command, the
pin must first be asserted and the opcode of 33h must be clocked into the device followed by
three address bytes designating any address within the 64-Kbyte sector to be locked down. After the three
address bytes have been clocked in, a confirmation byte of D0h must also be clocked in immediately following the
three address bytes. Any additional data clocked into the device after the first byte of data will be ignored. When
the
pin is deasserted, the Sector Lockdown Register corresponding to the sector addressed by A23-A0 will be
set to the logical “1” state, and the sector itself will then be permanently locked down from program and erase
operations within a time of tLOCK. In addition, the WEL bit in the Status Register will be reset back to the logical “0”
state.
The complete three address bytes and the correct confirmation byte value of D0h must be clocked into the device
before the
pin is deasserted, and the
pin must be deasserted on an even byte boundary (multiples of eight
bits); otherwise, the device will abort the operation. When the device aborts the Sector Lockdown operation, the
state of the corresponding Sector Lockdown Register as well as the SLE bit in the Status Register will be
unchanged; however, the WEL bit in the Status Register will be reset to a logical “0”.
As a safeguard against accidental or erroneous locking down of sectors, the Sector Lockdown command can be
enabled and disabled as needed by using the SLE bit in the Status Register. I n addition, the current sector
lockdown state can be frozen so that no further modifications to the Sector Lockdown Registers can be made
(see “Freeze Sector Lockdown State”). If the Sector Lockdown command is disabled or if the sector lockdown
state is frozen, then any attempts to issue the Sector Lockdown command will be ignored, and the device will
reset the WEL bit in the Status Register back to a logical “0” and return to the idle state once the
pin has been
deasserted.
Figure 9-1.
Sector Lockdown
SO
SI
SCK
CS
MS B
MS B
2
3
1
0
0
0
1
1
0
0
1
1
6
7
5
4
9
8
39
37 38
33
36
35
34
31 32
29 30
OP C ODE
HIG H-IMP E DANC E
A
A
A
A
A
A
MS B
1
1
0
1
0
0
0
0
ADDR E S S B ITS A23-A0 C ONF IR MATION B Y TE IN
CS
CS
CS
CS
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com