Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AT25DF641
Description  Minimum Serial Peripheral Interface Serial Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AT25DF641_13 Datasheet HTML 1Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 2Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
4
AT25DF641
3680F–DFLASH–4/10
Table 1-1.
Pin Descriptions (Continued)
Symbol
Name and Function
Asserted
State
Type
HOLD
: The
pin is used to temporarily pause serial communication without
deselecting or resetting the device. While the
pin is asserted, transitions on the
SCK pin and data on the SI pin will be ignored, and the SO pin will be in a high-
impedance state.
The
pin must be asserted, and the SCK pin must be in the low state in order for a
Hold condition to start. A Hold condition pauses serial communication only and does not
have an effect on internally self-timed operations such as a program or erase cycle.
Please refer to “Hold” on page 45 for additional details on the Hold operation.
The
pin is internally pulled-high and may be left floating if the Hold function will not
be used. However, it is recommended that the
pin also be externally connected to
VCC whenever possible.
Low
Input
VCC
DEVICE POWER SUPPLY:
The VCC pin is used to supply the source voltage to the
device.
Operations at invalid VCC voltages may produce spurious results and should not be
attempted.
−
Power
GND
GROUND:
The ground reference for the power supply. GND should be connected to the
system ground.
−
Power
Figure 1-1.
8-VDFN (Top View)
Figure 1-2.
16-SOIC (Top View)
1
2
3
4
8
7
6
5
CS
SO (SOI)
WP
GND
VCC
HOLD
SCK
SI (SIO)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
HOLD
VCC
NC
NC
NC
NC
CS
SO (SOI)
SCK
SI(SIO)
NC
NC
NC
NC
GND
WP
CS
HOLD
HOLD
HOLD
HOLD
HOLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com