Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # AT25DF641
Description  Minimum Serial Peripheral Interface Serial Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button AT25DF641_13 Datasheet HTML 28Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 29Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 30Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 31Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 32Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 33Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 34Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 35Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
32
AT25DF641
3680F–DFLASH–4/10
Table 9-4.
OTP Security Register
Security Register
Byte Number
0
1
. . .
62
63
64
65
. . .
126
127
One-Time User Programmable
Factory Programmed by Adesto
The user-programmable portion of the OTP Security Register does not need to be er ased before it is
programmed. In addition, the Program OTP Security Register command operates on t he entire 64-byte user-
programmable portion of the OTP Security Register at one time. Once the user-programmable space has been
programmed with any number of bytes, the user-programmable space cannot be programmed again; therefore, it
is not possible to only program the first two bytes of the register and then program the remaining 62-bytes at a
later time.
Before the Program OTP Security Register command can be issued, the Write Enable command must have been
previously issued to set the WEL bit in the Status Register to a logical “1”. To program the OTP Security Register,
the
pin must first be asserted and an opcode of 9Bh must be clocked into the device followed by the three
address bytes denoting the first byte location of the OTP Security Register to begin programming at. Since the
size of the user-programmable portion of the OTP Security Register is 64-bytes, the upper order address bits do
not need to be decoded by the device. Therefore, address bits A23-A6 will be ignored by the device and their
values can be either a logical “1” or “0”. After the address bytes have been clocked in, data can then be clocked
into the device and will be stored in the internal buffer.
If the starting memory address denoted by A23-A0 does not start at the beginning of the OTP Security Register
memory space (A5-A0 are not all 0), then special circumstances regarding which OTP Security Register locations
to be programmed will apply. In this situation, any data that is sent to the device that goes beyond the end of the
64-byte user-programmable space will wrap around back to the beginning of the OTP Security Register. For
example, if the starting address denoted by A23-A0 is 00003Eh, and three bytes of data are sent to the device,
then the first two bytes of data will be programmed at OTP Security Register addresses 00003Eh and 00003Fh
while the last byte of data will be programmed at address 000000h. The remaining bytes in the OTP Security
Register (addresses 000001h through 00003Dh) will not be pr ogrammed and will remain in the erased state
(FFh). In addition, if more than 64-bytes of data are sent to the device, then only the last 64-bytes sent will be
latched into the internal buffer.
When the
pin is deasserted, the device will take the data stored in the internal buffer and program it into the
appropriate OTP Security Register locations based on the starting address specified by A23-A0 and the number
of data bytes sent to the device. If less than 64-bytes of data were sent to the device, then the remaining bytes
within the OTP Security Register will not be programmed and will remain in the erased state (FFh). T he
programming of the data bytes is internally self-timed and should take place in a time of tOTPP. It is not possible to
suspend the programming of the OTP Security Register.
The three address bytes and at least one complete byte of data must be clocked into the device before the
pin
is deasserted, and the
pin must be deasserted on even byte boundaries (multiples of eight bits); otherwise, the
device will abort the operation and the user-programmable portion of the OTP Security Register will not be
programmed. The WEL bit in the Status Register will be reset back to the logical “0” state if the OTP Security
Register program cycle aborts due to an incomplete address being sent, an incomplete byte of data being sent,
the
pin being deasserted on uneven byte boundaries, or because the user-programmable portion of the OTP
Security Register was previously programmed.
While the device is programming the OTP Security Register, the Status Register can be read and will indicate that
the device is busy. For faster throughput, it is recommended that the Status Register be polled rather than waiting
the tOTPP time to determine if the data bytes have finished programming. At some point before the OTP Security
Register programming completes, the WEL bit in the Status Register will be reset back to the logical “0” state.
CS
CS
CS
CS
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com