Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # AT25DF641
Description  Minimum Serial Peripheral Interface Serial Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button AT25DF641_13 Datasheet HTML 23Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 24Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 25Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 26Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 27Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 28Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 29Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 30Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
AT25DF641
27
3680F–DFLASH–4/10
Figure 8-5.
Read Sector Protection Register
SO
SI
SCK
CS
MS B
MS B
2
3
1
0
0
0
1
1
1
1
0
0
6
7
5
4
10 11
9
8
12
37 38
33
36
35
34
31 32
29 30
39 40
OP C ODE
A
A
A
A
A
A
A
A
A
MS B
MS B
D
D
D
D
D
D
D
D
D
D
ADDR E S S B ITS A23-A0
DATA B Y TE
HIG H-IMP E DANC E
8.7.
Protected States and the Write Protect (
) Pin
The
pin is not linked to the memory array itself and has no direct effect on the protection status or lockdown
status of the memory array. Instead, the
pin, in conjunction with the SPRL (Sector Protection Registers
Locked) bit in the Status Register, is used to control the hardware locking mechanism of the device. For hardware
locking to be active, two conditions must be met-the
pin must be asserted and the SPRL bit must be in the
logical “1” state.
When hardware locking is active, the Sector Protection Registers are locked and the SPRL bit itself is also locked.
Therefore, sectors that are protected will be locked in the protected state, and sectors that are unprotected will be
locked in the unprotected state. These states cannot be changed as long as hardware locking is active, so the
Protect Sector, Unprotect Sector, and Write Status Register commands will be ignored. In order to modify the
protection status of a sector, the
pin must first be deasserted, and the SPRL bit in the Status Register must be
reset back to the logical “0” state using the Write Status Register command. When resetting the SPRL bit back to
a logical “0”, it is not possible to perform a Global Protect or Global Unprotect at the same time since the Sector
Protection Registers remain soft-locked until after the Write Status Register command has been executed.
If the
pin is permanently connected to GND, then once the SPRL bit is set to a logical “1”, the only way to
reset the bit back to the logical “0” state is to power-cycle the device. This allows a system to power-up with all
sectors software protected but not hardware locked. Therefore, sectors can be unprotected and protected as
needed and then hardware locked at a later time by simply setting the SPRL bit in the Status Register.
When the
pin is deasserted, or if the
pin is permanently connected to VCC, the SPRL bit in the Status
Register can still be set to a logical “1” to lock the Sector Protection Registers. This provides a software locking
ability to prevent erroneous Protect Sector or Unprotect Sector commands from being processed. When changing
the SPRL bit to a logical “1” from a logical “0”, it is also possible to perform a Global Protect or Global Unprotect at
the same time by writing the appropriate values into bits five, four, three, and two of the first byte of the Status
Register.
Table 8-4 and Table 8-5 detail the various protection and locking states of the device.
Table 8-4.
Sector Protection Register States
Sector Protection Register
n
(1)Error! Reference source not found.
Sector
n
(1)
X
(Don't Care)
0
Unprotected
1
Protected
Note: 1. “n” represents a sector number.
WP
WP
WP
WP
WP
WP
WP
WP
WP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com