Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # AT25DF641
Description  Minimum Serial Peripheral Interface Serial Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button AT25DF641_13 Datasheet HTML 36Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 37Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 38Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 39Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 40Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 41Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 42Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 43Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
40
AT25DF641
3680F–DFLASH–4/10
11.
Other Commands and Functions
11.1. Reset
In some applications, it may be necessary to prematurely terminate a program or erase cycle early rather than
wait the hundreds of microseconds or milliseconds necessary for the program or erase operation to complete
normally. The Reset command allows a program or erase operation in progress to be ended abruptly and returns
the device to an idle state. Since the need to reset the device is immediate, the Write Enable command does not
need to be issued prior to the Reset command being issued. Therefore, the Reset command operates
independently of the state of the WEL bit in the Status Register.
The Reset command can only be ex ecuted if the command has been enabled by setting the Reset Enabled
(RSTE) bit in the Status Register to a logical “1”. If the Reset command has not been enabled (the RSTE bit is in
the logical “0” state), then any attempts at executing the Reset command will be ignored.
To perform a Reset, the
pin must first be asserted and the opcode of F0h must be clocked into the device. No
address bytes need to be clocked in, but a confirmation byte of D0h must be clocked into the device immediately
after the opcode. Any additional data clocked into the device after the confirmation byte will be ignored. When the
pin is deasserted, the program or erase operation currently in progress will be terminated within a time of tRST.
Since the program or erase operation may not complete before the device is reset, the contents of the page being
programmed or the block being erased cannot be guaranteed to be valid.
The Reset command has no ef fect on t he states of the Sector Protection Registers, the Sector Lockdown
Registers, or the SPRL, RSTE, and SLE bits in the Status Register. The WEL, PS, and ES bits, however, will be
reset back to their default states. If a R eset operation is performed while a s ector is erase suspended, the
suspend operation will abort, and the contents of the block being erased in the suspended sector will be left in an
undefined state. If a Reset is performed while a sector is program suspended, the suspend operation will abort,
and the contents of the page that was being programmed and subsequently suspended will be undefined. The
remaining pages in the 64-Kbyte sector will retain their previous contents.
The complete opcode and confirmation byte must be clocked into the device before the
pin is deasserted, and
the
pin must be deasserted on an even byte boundary (multiples of eight bits); otherwise, no Reset operation
will be performed.
Figure 11-1.
Reset
SO
SI
SCK
CS
MS B
2
3
1
0
1
1
1
1
0
0
0
6
7
5
4
OPCODE
CONFIR MATION BYTE IN
10 11
9
8
14 15
13
12
0
MS B
1
1
0
1
0
0
0
0
HIG H-IMP E DANC E
CS
CS
CS
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com