Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # AT25DF641
Description  Minimum Serial Peripheral Interface Serial Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button AT25DF641_13 Datasheet HTML 16Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 17Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 18Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 19Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 20Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 21Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 22Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 23Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
20
AT25DF641
3680F–DFLASH–4/10
Figure 7-7.
Program/Erase Suspend
SO
SI
SCK
CS
MS B
2
3
1
0
1
0
1
1
0
0
0
0
6
7
5
4
OP C ODE
HIG H-IMP E DANC E
7.6.
Program/Erase Resume
The Program/Erase Resume command allows a s uspended program or erase operation to be r esumed and
continue programming a Flash page or erasing a Flash memory block where it left off. As with the Program/Erase
Suspend command, the Write Enable command does not need to be issued prior to the Program/Erase Resume
command being issued. Therefore, the Program/Erase Resume command operates independently of the state of
the WEL bit in the Status Register.
To perform a Program/Erase Resume, the
pin must first be asserted and the opcode of D0h must be clocked
into the device. No address bytes need to be clocked into the device, and any data clocked in after the opcode
will be ignored. When the
pin is deasserted, the program or erase operation currently suspended will be
resumed within a time of tRES. The PS bit or the ES bit in the Status Register will then be reset back to the logical
“0” state to indicate that the program or erase operation is no longer suspended. In addition, the RDY/BSY bit in
the Status Register will indicate that the device is busy performing a program or erase operation. The complete
opcode must be clocked into the device before the
pin is deasserted, and the
pin must be deasserted on
an even byte boundary (multiples of eight bits); otherwise, no resume operation will be performed.
During a s imultaneous Erase Suspend/Program Suspend condition, issuing the Program/Erase Resume
command will result in the program operation resuming first. After the program operation has been completed, the
Program/Erase Resume command must be issued again in order for the erase operation to be resumed.
While the device is busy resuming a pr ogram or erase operation, any attempts at issuing the Program/Erase
Suspend command will be ignored. Therefore, if a resumed program or erase operation needs to be subsequently
suspended again, the system must either wait the entire tRES time before issuing the Program/Erase Suspend
command, or it must check the status of the RDY/BSY bit or the appropriate PS or ES bit in the Status Register to
determine if the previously suspended program or erase operation has resumed.
CS
CS
CS
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com