Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # AT25DF641
Description  Minimum Serial Peripheral Interface Serial Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button AT25DF641_13 Datasheet HTML 39Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 40Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 41Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 42Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 43Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 44Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 45Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 46Page - List of Unclassifed Manufacturers AT25DF641_13 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
AT25DF641
43
3680F–DFLASH–4/10
11.3. Deep Power-Down
During normal operation, the device will be placed in the standby mode to consume less power as long as the
pin remains deasserted and no internal operation is in progress. The Deep Power-Down command offers the
ability to place the device into an even lower power consumption state called the Deep Power-Down mode.
When the device is in the Deep Power-Down mode, all commands including the Read Status Register command
will be ignored with the exception of the Resume from Deep Power-Down command. Since all commands will be
ignored, the mode can be used as an extra protection mechanism against program and erase operations.
Entering the Deep Power-Down mode is accomplished by simply asserting the
pin, clocking in the opcode of
B9h, and then deasserting the
pin. Any additional data clocked into the device after the opcode will be
ignored. When the
pin is deasserted, the device will enter the Deep Power-Down mode within the maximum
time of tEDPD.
The complete opcode must be clocked in before the
pin is deasserted, and the
pin must be deasserted on
an even byte boundary (multiples of eight bits); otherwise, the device will abort the operation and return to the
standby mode once the
pin is deasserted. In addition, the device will default to the standby mode after a
power-cycle.
The Deep Power-Down command will be ignored if an internally self-timed operation such as a program or erase
cycle is in progress. The Deep Power-Down command must be reissued after the internally self-timed operation
has been completed in order for the device to enter the Deep Power-Down mode.
Figure 11-3.
Deep Power-Down
SO
SI
SCK
CS
MS B
2
3
1
0
1
0
1
1
1
0
0
1
6
7
5
4
OP C ODE
HIG H-IMP E DANC E
S tandby Mode C urrent
Active C urrent
Deep P ower-Down Mode C urrent
tEDPD
ICC
CS
CS
CS
CS
CS
CS
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com